Electronic Components Datasheet Search |
|
OMM02040D20B3 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
OMM02040D20B3 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 12 page SMM0204 www.vishay.com Vishay Draloric Revision: 09-Dec-15 2 Document Number: 20004 For technical questions, contact: melf@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for information on the general nature of thermal resistance. Notes • The color of the body coating is light green for jumpers and for a temperature coefficient of ± 50 ppm/K or ± 100 ppm/K, pink for ± 25 ppm/K, or violet for ± 15 ppm/K. • Zero ohm jumper are marked with one centered black band. Note (1) Package of 1000 pieces, code B1, is available only for products with TCR ± 25 ppm/K or ± 15 ppm/K, and with tolerance ± 0.25 % or ± 0.1 %. Bulk case acc. IEC 60286-6 available on request. MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION OPERATION MODE PRECISION STANDARD POWER Rated dissipation, P70 SMM0204 0.07 W 0.25 W 0.4 W Operating temperature range -10 °C to 85 °C -55 °C to 125 °C -55 °C to 155 °C Permissible film temperature, ϑF max. 85 °C 125 °C 155 °C Max. resistance change at P70 for resistance range, | ΔR/R| after: SMM0204 10 Ω to 1 MΩ 0.22 Ω to 1 MΩ 0.22 Ω to 10 MΩ 1000 h ≤ 0.05 % ≤ 0.15 % ≤ 0.25 % 8000 h ≤ 0.1 % ≤ 0.3 % ≤ 0.5 % 225 000 h ≤ 0.25 % ≤ 0.75 % - TEMPERATURE COEFFICIENT AND RESISTANCE RANGE TYPE / SIZE TCR TOLERANCE RESISTANCE E-SERIES SMM0204 ± 100 ppm/K ± 5 % 0.22 Ω to 10 MΩ E24 ± 50 ppm/K ± 1 % 0.82 Ω to 10 MΩ E24; E96 ± 0.5 % 10 Ω to 1.65 MΩ E24; E192 ± 25 ppm/K ± 0.5 % 10 Ω to 1.65 MΩ E24; E192 ± 0.25 % 22 Ω to 1.65 MΩ ± 0.1 % 22 Ω to 1.65 MΩ ± 15 ppm/K ± 0.5 % 10 Ω to 221 kΩ E24; E192 ± 0.25 % 22 Ω to 221 kΩ ± 0.1 % 43 Ω to 221 kΩ Jumper, Imax. = 3 A ≤ 10 mΩ 0 Ω PACKAGING TYPE / SIZE CODE QUANTITY PACKAGING STYLE WIDTH PITCH PACKAGING DIMENSIONS SMM0204 OMM0204 B1 (1) 1000 (1) Antistatic blister tape acc. IEC 60286-3, Type 2a 8 mm 4 mm Ø 180 mm/7" B3 3000 B0 10 000 Ø 330 mm/13" SMM0204 EN803 E0 OMM0204 EN803 E0 B1 1000 8 mm 4 mm Ø 180 mm/7" B3 3000 B0 10 000 Ø 330 mm/13" |
Similar Part No. - OMM02040D20B3 |
|
Similar Description - OMM02040D20B3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |