Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77401DGKR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS77401DGKR
Description  250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77401DGKR Datasheet(HTML) 2 Page - Texas Instruments

  TPS77401DGKR Datasheet HTML 1Page - Texas Instruments TPS77401DGKR Datasheet HTML 2Page - Texas Instruments TPS77401DGKR Datasheet HTML 3Page - Texas Instruments TPS77401DGKR Datasheet HTML 4Page - Texas Instruments TPS77401DGKR Datasheet HTML 5Page - Texas Instruments TPS77401DGKR Datasheet HTML 6Page - Texas Instruments TPS77401DGKR Datasheet HTML 7Page - Texas Instruments TPS77401DGKR Datasheet HTML 8Page - Texas Instruments TPS77401DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS77301/315/316/318/327/328/333/350 WITH RESET OUTPUT
TPS77401/415/418/427/428/433/450 WITH POWER GOOD OUTPUT
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS281E – FEBRUARY 2000 – REVISED JULY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 200 mV
at an output current of 250 mA for 3.3-volt option) and is directly proportional to the output current. Additionally,
since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent
of output loading (typically 92
µA over the full range of output current, 0 mA to 250 mA). These two key
specifications yield a significant improvement in operating life for battery-powered systems.
The device is enabled when the EN pin is connected to a low-level input voltage. This LDO family also features
a sleep mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent
current to less than 1
µA at TJ = 25°C.
The TPS773xx features an integrated power-on reset, commonly used as a supply voltage supervisor (SVS),
or reset output voltage. The RESET output of the TPS773xx initiates a reset in DSP, microcomputer or
microprocessor systems at power up and in the event of an undervoltage condition. An internal comparator in
the TPS773xx monitors the output voltage of the regulator to detect an undervoltage condition on the regulated
output voltage. When OUT reaches 95% of its regulated voltage, RESET will go to a high-impedance state after
a 220-ms delay. RESET will go to low-impedance state when OUT is pulled below 95% (i.e. over load condition)
of its regulated voltage.
For the TPS774xx, the power good terminal (PG) is an active high output, which can be used to implement a
power-on reset or a low-battery indicator. An internal comparator in the TPS774xx monitors the output voltage
of the regulator to detect an undervoltage condition on the regulated output voltage. When OUT falls below 82%
of its regulated voltage, PG will go to a low-impedance state. PG will go to a high-impedance state when OUT
is above 82% of its regulated voltage.
AVAILABLE OPTIONS
OUTPUT VOLTAGE (V)
PACKAGED DEVICES MSOP (DGK)
TJ
TYP
TPS773xx
SYMBOL
TPS774xx
SYMBOL
5.0
TPS77350DGK
AGN
TPS77450DGK
AGW
3.3
TPS77333DGK
AGM
TPS77433DGK
AGV
2.8
TPS77328DGK
AGK
TPS77428DGK
AGT
2.7
TPS77327DGK
AGJ
TPS77427DGK
AGS
– 40
°C to 125°C
1.8
TPS77318DGK
AGH
TPS77418DGK
AGQ
1.6
TPS77316DGK
AWF
1.5
TPS77315DGK
AGG
TPS77415DGK
AGP
Adjustable
1.5 V to 5.5 V
TPS77301DGK
AGF
TPS77401DGK
AGO
NOTE: The TPS77301 and TPS77401 are programmable using an external resistor divider (see application information).
The DGK package is available taped and reeled. Add an R suffix to the device type (e.g., TPS77301DGKR).
OUT
SENSE
6
5
3
IN
IN
EN
GND
4
7
1
VI
0.1
µF
10
µF
+
OUT
8
VO
PG or RESET Output
PG or
RESET
2
Figure 1. Typical Application Configuration (For Fixed Output Options)


Similar Part No. - TPS77401DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77401DGKR TI-TPS77401DGKR Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401DGKRG4 TI-TPS77401DGKRG4 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77401DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI1-TPS77101_16 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com