Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5263ISZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5263ISZ-T7
Description  300MHz Low Power Current Feedback Amplifiers with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5263ISZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5263ISZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5263ISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5263ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5263ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5263ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5263ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5263ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5263ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5263ISZ-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN7388.7
September 8, 2005
SUPPLY
ISON
Supply Current - Enabled, per Amplifier
No load, VIN = 0V
1.3
1.5
1.7
mA
ISOFF-
Supply Current - Disabled, per Amplifier
No load, VIN = 0V
-25
-14
0
µA
ISOFF+
010
+25
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
65
76
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-0.5
0.1
+0.5
µA/V
ENABLE (EL5162, EL5262, EL5362 ONLY)
tEN
Enable Time
380
ns
tDIS
Disable Time
800
ns
IIHCE
CE Pin Input High Current
CE = VS+1
5
25
µA
IILCE
CE Pin Input Low Current
CE = (VS+) -5V
-1
0
+1
µA
VIHCE
CE Input High Voltage for Power-down
VS+ - 1
V
VILCE
CE Input Low Voltage for Power-down
VS+ - 3
V
NOTE:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 400Ω for AV = 2, RL = 150Ω, TA = 25°C unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5263ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5263ISZ-T7 INTERSIL-EL5263ISZ-T7 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5263ISZ-T7 INTERSIL-EL5263ISZ-T7 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5263ISZ-T7 INTERSIL-EL5263ISZ-T7 Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5263ISZ-T7 RENESAS-EL5263ISZ-T7 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5263ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com