Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7110 Datasheet(PDF) 6 Page - Copal Electronics

Part # DP7110
Description  32-Tap Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7110 Datasheet(HTML) 6 Page - Copal Electronics

Back Button DP7110 Datasheet HTML 2Page - Copal Electronics DP7110 Datasheet HTML 3Page - Copal Electronics DP7110 Datasheet HTML 4Page - Copal Electronics DP7110 Datasheet HTML 5Page - Copal Electronics DP7110 Datasheet HTML 6Page - Copal Electronics DP7110 Datasheet HTML 7Page - Copal Electronics DP7110 Datasheet HTML 8Page - Copal Electronics DP7110 Datasheet HTML 9Page - Copal Electronics DP7110 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DP7110, DP7118, DP7119, DP7123, DP7124, DP7125
6
Applications Information
The devices are intended for circuits requiring digitally
controlled adjustable resistance, such as LCD contrast
control, where voltage biasing adjusts the display contrast.
Alternative Positive LCD Bias Control
An op amp can be used to provide buffering and gain on
the output of the DP7110/DP7125. This can be done by
connecting the wiper output to the positive input of a
noninverting op amp as shown in Figure 9. Figure 10 shows
a similar circuit for the DP7119/DP7124.
Adjustable Gain
Figures 11 and 12 show how to use either a variable
resistor or a potentiometer to digitally adjust the gain of a
noninverting op amp configuration, by connecting the
device in series with a resistor to ground. The devices
have a low 5 ppm/ C ratiometric tempco that allows for a
very stable adjustable gain configuration over temperature.
30 V
W
L
H
+5 V
DP7110/DP7125
30 V
L
H
+5 V
DP7119/DP7124
L
H
L
H
W
DP7110/DP7125
DP7118/DP7123
l
o
r
t
n
o
C
s
a
i
B
D
C
L
e
v
i
t
i
s
o
P
.
0
1
e
r
u
g
i
F
l
o
r
t
n
o
C
s
a
i
B
D
C
L
e
v
i
t
i
s
o
P
.
9
e
r
u
g
i
F
t
i
u
c
r
i
C
n
i
a
G
e
l
b
a
t
s
u
j
d
A
.
2
1
e
r
u
g
i
F
t
i
u
c
r
i
C
n
i
a
G
e
l
b
a
t
s
u
j
d
A
.
1
1
e
r
u
g
i
F
VOUT
VOUT
VIN
VCC
VOUT
VIN
VCC
VOUT


Similar Part No. - DP7110

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
   100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
   100-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
More results

Similar Description - DP7110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5460 MAXIM-MAX5460 Datasheet
264Kb / 10P
   32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
MAX5460 MAXIM-MAX5460_05 Datasheet
242Kb / 10P
   32-Tap FleaPoT, 2-Wire Digital Potentiometers
Rev 3; 11/05
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
logo
Copal Electronics
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
   32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com