Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V632SA4PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71V632SA4PF
Description  64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V632SA4PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT71V632SA4PF Datasheet HTML 3Page - Integrated Device Technology IDT71V632SA4PF Datasheet HTML 4Page - Integrated Device Technology IDT71V632SA4PF Datasheet HTML 5Page - Integrated Device Technology IDT71V632SA4PF Datasheet HTML 6Page - Integrated Device Technology IDT71V632SA4PF Datasheet HTML 7Page - Integrated Device Technology IDT71V632SA4PF Datasheet HTML 8Page - Integrated Device Technology IDT71V632SA4PF Datasheet HTML 9Page - Integrated Device Technology IDT71V632SA4PF Datasheet HTML 10Page - Integrated Device Technology IDT71V632SA4PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6.42
7
IDT71V632, 64K x 32, 3.3V Synchronous SRAM
with Pipelined Outputs and Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Operation(2)
OE
ZZ
I/O Status
Power
Read
L
L
Data Out (I/O0 - I/O31)Active
Read
H
L
High-Z
Active
Write
X
L
High-Z — Data In (I/O0 - I/O31)Active
Deselected
X
L
High-Z
Standby
Sleep
X
H
High-Z
Sleep
3619 tbl 09
Operation
GW
BWE
BW1
BW2
BW3
BW4
Read
H
H
XX
XX
Read
H
L
H
H
H
H
Write all Bytes
L
X
X
X
X
X
Write all Bytes
H
L
L
L
L
L
Write Byte 1(2)
H
L
L
HHH
Write Byte 2(2)
HL
HL
H
H
Write Byte 3(2)
HL
H
H
L
H
Write Byte 4(2)
HL
H
H
HL
3619 tbl 08
Linear Burst Sequence Table (LBO=VSS)
Interleaved Burst Sequence Table (LBO=VDD)
Asynchronous Truth Table(1)
Synchronous Write Function Truth Table(1)
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. Multiple bytes may be selected during the same cycle.
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. Synchronous function pins must be biased appropriately to satisfy operation requirements.
NOTE:
1. Upon completion of the Burst sequence the counter wraps around to its initial state.
NOTE:
1. Upon completion of the Burst sequence the counter wraps around to its initial state.
Sequence 1
Sequence 2
Sequence 3
Sequence 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
0
0
0
1
1
0
1
1
Second Address
0
1
0
0
1
1
1
0
Third Address
1
0
1
1
0
0
0
1
Fourth Address(1)
11
1
0
0
1
0
0
3619 tbl 10
Sequence 1
Sequence 2
Sequence 3
Sequence 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
0
0
0
1
1
0
1
1
Second Address
0
1
1
0
1
1
0
0
Third Address
1
0
1
1
0
0
0
1
Fourth Address(1)
11
0
0
0
1
1
0
3619 tbl 11


Similar Part No. - IDT71V632SA4PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V632SA4PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V633 IDT-IDT71V633 Datasheet
269Kb / 19P
   64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
   32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S_14 Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3576S IDT-IDT71V3576S_15 Datasheet
220Kb / 18P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V432 RENESAS-IDT71V432 Datasheet
371Kb / 18P
   32K x 32 CacheRAM™ 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
OCTOBER 2014
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
71V25761S RENESAS-71V25761S Datasheet
278Kb / 18P
   128K X 36 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Jul.27. 20
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com