Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V26L55J Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70V26L55J
Description  HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V26L55J Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70V26L55J Datasheet HTML 6Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 7Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 8Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 9Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 10Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 11Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 12Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 13Page - Integrated Device Technology IDT70V26L55J Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
6.42
IDT70V26S/L
High-Speed 16K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
Timing Waveform of Semaphore Read after Write Timing, Either Side(1)
NOTES:
1. DOR = DOL = VIL,
CER = CEL = VIH, or both UB & LB = VIH.
2. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
3. This parameter is measured from R/
W"A" or SEM"A" going HIGH to R/W"B" or SEM"B" going HIGH.
4. If tSPS is not satisfied, the semaphore will fall positively to one side or the other, but there is no guarantee which side will obtain the flag.
Timing Waveform of Semaphore Write Contention(1,3,4)
NOTES:
1.
CE = VIH or UB & LB = VIH for the duration of the above timing (both write and read cycle).
2. "DATAOUT VALID' represents all I/O's (I/O0-I/O15) equal to the semaphore value.
SEM
2945 drw 10
tAW
tEW
tSOP
I/O0
VALID ADDRESS
tSAA
R/
W
tWR
tOH
tACE
VALID ADDRESS
DATAIN
VALID
DATAOUT
tDW
tWP
tDH
tAS
tSWRD
tAOE
Read Cycle
Write Cycle
A0-A2
OE
VALID(2)
SEM"A"
2945 drw 11
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2"A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
A0"B"-A2"B"
SIDE
(2)
"B"


Similar Part No. - IDT70V26L55J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V26L IDT-IDT70V26L Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V26L55J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com