Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11904 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11904
Description  20-Bit, 1.6Msps, Low-Power, Fully Differential
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11904 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11904 Datasheet HTML 4Page - Maxim Integrated Products MAX11904 Datasheet HTML 5Page - Maxim Integrated Products MAX11904 Datasheet HTML 6Page - Maxim Integrated Products MAX11904 Datasheet HTML 7Page - Maxim Integrated Products MAX11904 Datasheet HTML 8Page - Maxim Integrated Products MAX11904 Datasheet HTML 9Page - Maxim Integrated Products MAX11904 Datasheet HTML 10Page - Maxim Integrated Products MAX11904 Datasheet HTML 11Page - Maxim Integrated Products MAX11904 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
(VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.8V, VREFVDD = 3.6V, fSAMPLE = 1.6Msps, VREF = 3.3V, Internal Ref Buffer On, TA = TMIN
to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
TEMPERATURE (oC)
DNL vs. TEMPERATURE
MAX DNL (LSB)
MIN DNL (LSB)
toc4
-3
-2
-1
0
1
2
3
1.70
1.73
1.75
1.78
1.80
1.83
1.85
1.88
1.90
VAVDD (V)
DNL vs. AVDD SUPPLY VOLTAGE
MAX DNL (LSB)
MIN DNL (LSB)
toc6
-4
-3
-2
-1
0
1
2
3
4
-40
-25
-10
5
20
35
50
65
80
95
110 125
TEMPERATURE (oC)
INL vs. TEMPERATURE
MAX INL (LSB)
MIN INL (LSB)
toc3
-5
-4
-3
-2
-1
0
1
2
3
4
5
1.70
1.73
1.75
1.78
1.80
1.83
1.85
1.88
1.90
VAVDD (V)
INL vs. AVDD SUPPLY VOLTAGE
MAX INL (LSB)
MIN INL (LSB)
toc5
toc1
MAX11905
20-Bit, 1.6Msps, Low-Power, Fully Differential
SAR ADC
Maxim Integrated │ 8
www.maximintegrated.com
Typical Operating Characteristics


Similar Part No. - MAX11904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11904 MAXIM-MAX11904 Datasheet
4Mb / 29P
   Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11904ETP++ MAXIM-MAX11904ETP+ Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results

Similar Description - MAX11904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
   18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com