Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14595 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14595
Description  Low-Power Dual-Channel Logic-Level Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14595 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14595 Datasheet HTML 1Page - Maxim Integrated Products MAX14595 Datasheet HTML 2Page - Maxim Integrated Products MAX14595 Datasheet HTML 3Page - Maxim Integrated Products MAX14595 Datasheet HTML 4Page - Maxim Integrated Products MAX14595 Datasheet HTML 5Page - Maxim Integrated Products MAX14595 Datasheet HTML 6Page - Maxim Integrated Products MAX14595 Datasheet HTML 7Page - Maxim Integrated Products MAX14595 Datasheet HTML 8Page - Maxim Integrated Products MAX14595 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MAX14595
Low-Power Dual-Channel Logic-Level Translator
General Description
The MAX14595 is a dual-channel, bidirectional logic-
level translator designed specifically for low power
consumption making it suitable for portable and battery-
powered equipment. Externally applied voltages, VCC
and VL, set the logic levels on either side of the device. A
logic signal present on the VL side of the device appears
as the same logic signal on the VCC side of the device,
and vice-versa.
The device is optimized for the I2C bus as well as the
management data input/output (MDIO) bus where often
high-speed, open-drain operation is required. When TS
is high, the device allows the pullup to be connected to
the I/O port that has the power. This allows continuous
I2C operation on the powered side without any disruption
while the level translation function is off.
The part is specified over the extended -40NC to +85NC
temperature range, and is available in 8-bump WLP and
8-pin TDFN packages.
Applications
Portable and Battery-Powered Electronics
Devices with I2C Communication
Devices with MDIO Communication
General Logic-Level Translation
Benefits and Features
S
Meets Industry Standards
I2C Requirements for Standard, Fast, and High*
Speeds
MDIO Open Drain Above 4MHz*
S
Allows Greater Design Flexibility
Down to 0.9V Operation on VL Side
Supports Above 8MHz Push-Pull Operation
S
Ultra-Low Power Consumption
7µA VCC Supply Current
3µA VL Supply Current
S
Provides High Level of Integration
Pullup Resistor Enabled with One Side Power
Supply when TS Is High
12kI (max) Internal Pullup
Low Transmission Gate RON: 17I (max)
S
Saves Space
8-Bump, 0.4mm Pitch, 0.8mm x 1.6mm WLP
Package
8-Pin, 2mm x 2mm TDFN Package
Typical Operating Circuit
19-6170; Rev 0; 12/11
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maximintegrated.com/MAX14595.related.
*Requires external pullups.
EVALUATION KIT AVAILABLE
VL = +1.2V
VL
*
VL
*
VCC
*
VCC
*
VCC = +3.0V
* PULLUPS ARE OPTIONAL FOR HIGH-SPEED, OPEN-DRAIN OPERATION.
0.1µF
+1.2V
SYSTEM
CONTROLLER
+3V
SYSTEM
GND
GND
GND
EN
TS
VL
VCC
IOVL1
SDA
SLK
IOVL2
IOVCC2
IOVCC1
SDA
SLK
1µF
MAX14595
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - MAX14595

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1459 MAXIM-MAX1459 Datasheet
243Kb / 24P
   2-Wire, 4-20mA Smart Signal Conditioner
Rev 0; 1/00
MAX14590 MAXIM-MAX14590 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591ETA+T MAXIM-MAX14591ETA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591EWA+T MAXIM-MAX14591EWA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
More results

Similar Description - MAX14595

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611 Datasheet
2Mb / 15P
   Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
logo
Supertex, Inc
HT01 SUTEX-HT01 Datasheet
93Kb / 4P
   8 - Channel Logic To High-Voltage Level Translator
logo
Analog Devices
ADG3231 AD-ADG3231 Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
ADG3123 AD-ADG3123_V01 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
ADG3123 AD-ADG3123 Datasheet
276Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. A
ADG3123 AD-ADG3123_15 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. B
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
   Dual Voltage Level Translator
logo
Maxim Integrated Produc...
MAX13046E MAXIM-MAX13046E Datasheet
165Kb / 15P
   Single- and Dual-Bidirectional Low-Level Translator
Rev 1; 8/08
logo
ON Semiconductor
NLSX4401 ONSEMI-NLSX4401 Datasheet
107Kb / 13P
   Dual-Supply Level Translator
March, 2015 ??Rev. 1
NLSX3012 ONSEMI-NLSX3012_11 Datasheet
176Kb / 12P
   Dual-Supply Level Translator
September, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com