Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14595EWA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14595EWA
Description  Low-Power Dual-Channel Logic-Level Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14595EWA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14595EWA Datasheet HTML 3Page - Maxim Integrated Products MAX14595EWA Datasheet HTML 4Page - Maxim Integrated Products MAX14595EWA Datasheet HTML 5Page - Maxim Integrated Products MAX14595EWA Datasheet HTML 6Page - Maxim Integrated Products MAX14595EWA Datasheet HTML 7Page - Maxim Integrated Products MAX14595EWA Datasheet HTML 8Page - Maxim Integrated Products MAX14595EWA Datasheet HTML 9Page - Maxim Integrated Products MAX14595EWA Datasheet HTML 10Page - Maxim Integrated Products MAX14595EWA Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MAX14595
Low-Power Dual-Channel Logic-Level Translator
9
Maxim Integrated
Block Diagram
Detailed Description
The MAX14595 is a dual-channel, bidirectional level trans-
lator. The device translates low voltage down to +0.9V on
the VL side to high voltage on the VCC side and vice-ver-
sa. The device is optimized for open-drain and high-speed
operation, such as I2C bus and MDIO bus.
The device has low on-resistance (17I max), which
is important for high-speed, open-drain operation. The
device also features internal pullup resistors that are
active when the corresponding power is on and TS is high.
Level Translation
For proper operation, ensure that +1.65V P VCC P +5.5V,
and +0.9V P VL P VCC. When power is supplied to VL
while VCC is less than VL, the device automatically
disables logic-level translation function. Also, the device
enters shutdown mode when TS = GND.
High-Speed Operation
The device meets the requirements of high-speed I2C
and MDIO open-drain operation. The maximum data rate
is at least 4MHz for open-drain operation with the total
bus capacitance equal to or less than 100pF.
Three-State Input TS
The device features a three-state input that can put the
device into high-impedance mode. When TS is low,
IOVCC_ and IOVL_ are all high impedance and the inter-
nal pullup resistors are disconnected. When TS is high,
the internal pullup resistors are connected when the
corresponding power is in regulation, and the resistors
are disconnected at the side that has no power on. In
many portable applications, one supply is turned off but
the other side is still operating and requires the pullup
resistors to be present. This feature eliminates the need
for external pullup resistors. The level translation function
is off until both power supplies are in range.
Thermal-Shutdown Protection
The device features thermal-shutdown protection to
protect the part from overheating. The device enters
thermal shutdown when the junction temperature exceeds
+150NC (typ), and the device is back to normal operation
again after the temperature drops by approximately 10NC
(typ). When the device is in thermal shutdown, the level
translator is disabled.
ONE-SHOOT
BLOCK
ONE-SHOOT
BLOCK
EN CONTROL
BLOCK
GATE
DRIVE
IOVL_
NQ1
IOVCC_
VL
VCC
TS
MAX14595


Similar Part No. - MAX14595EWA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1459 MAXIM-MAX1459 Datasheet
243Kb / 24P
   2-Wire, 4-20mA Smart Signal Conditioner
Rev 0; 1/00
MAX14590 MAXIM-MAX14590 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591ETA+T MAXIM-MAX14591ETA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591EWA+T MAXIM-MAX14591EWA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
More results

Similar Description - MAX14595EWA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611 Datasheet
2Mb / 15P
   Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
logo
Supertex, Inc
HT01 SUTEX-HT01 Datasheet
93Kb / 4P
   8 - Channel Logic To High-Voltage Level Translator
logo
Analog Devices
ADG3231 AD-ADG3231 Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
ADG3123 AD-ADG3123_V01 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
ADG3123 AD-ADG3123 Datasheet
276Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. A
ADG3123 AD-ADG3123_15 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. B
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
   Dual Voltage Level Translator
logo
Maxim Integrated Produc...
MAX13046E MAXIM-MAX13046E Datasheet
165Kb / 15P
   Single- and Dual-Bidirectional Low-Level Translator
Rev 1; 8/08
logo
ON Semiconductor
NLSX4401 ONSEMI-NLSX4401 Datasheet
107Kb / 13P
   Dual-Supply Level Translator
March, 2015 ??Rev. 1
NLSX3012 ONSEMI-NLSX3012_11 Datasheet
176Kb / 12P
   Dual-Supply Level Translator
September, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com