Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2505LPBF Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IRS2505LPBF
Description  Boost PFC and SMPS Control IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRS2505LPBF Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IRS2505LPBF Datasheet HTML 2Page - Infineon Technologies AG IRS2505LPBF Datasheet HTML 3Page - Infineon Technologies AG IRS2505LPBF Datasheet HTML 4Page - Infineon Technologies AG IRS2505LPBF Datasheet HTML 5Page - Infineon Technologies AG IRS2505LPBF Datasheet HTML 6Page - Infineon Technologies AG IRS2505LPBF Datasheet HTML 7Page - Infineon Technologies AG IRS2505LPBF Datasheet HTML 8Page - Infineon Technologies AG IRS2505LPBF Datasheet HTML 9Page - Infineon Technologies AG IRS2505LPBF Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
IRS2505LPBF
6
2015-9-2
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VCC
Supply voltage
VCCUV+ + 0.5V
VCLAMP
V
ICC
Supply current
0
10
mA
VCMP
CMP pin voltage
0
VZCMP
V
Tj
Junction temperature
-40
125
ºC
Recommended Component Values
Symbol
Component
Value
Units
CCMP
Compensation capacitor value
0.68
µF
CVCC
VCC filter capacitor
0.1
µF
CVBUS
VBUS pin filter capacitor
1.0
nF


Similar Part No. - IRS2505LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2505LPBF IRF-IRS2505LPBF Datasheet
235Kb / 11P
   SOT-23 Boost PFC Control IC
IRS2505LPBF IRF-IRS2505LPBF Datasheet
422Kb / 11P
   SOT-23 Boost PFC Control IC
IRS2505LPBF IRF-IRS2505LPBF_15 Datasheet
422Kb / 11P
   SOT-23 Boost PFC Control IC
More results

Similar Description - IRS2505LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2505LPBF IRF-IRS2505LPBF Datasheet
235Kb / 11P
   SOT-23 Boost PFC Control IC
IRS2505LPBF IRF-IRS2505LPBF_15 Datasheet
422Kb / 11P
   SOT-23 Boost PFC Control IC
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
logo
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
   GreenChip SMPS control IC
2002 Aug 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com