Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4700 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS7A4700
Description  36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4700 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A4700_14 Datasheet HTML 6Page - Texas Instruments TPS7A4700_14 Datasheet HTML 7Page - Texas Instruments TPS7A4700_14 Datasheet HTML 8Page - Texas Instruments TPS7A4700_14 Datasheet HTML 9Page - Texas Instruments TPS7A4700_14 Datasheet HTML 10Page - Texas Instruments TPS7A4700_14 Datasheet HTML 11Page - Texas Instruments TPS7A4700_14 Datasheet HTML 12Page - Texas Instruments TPS7A4700_14 Datasheet HTML 13Page - Texas Instruments TPS7A4700_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VOUT = 1.4 V
VOUT = 3.3 V
VOUT = 5V
VOUT = 10V
VOUT = 15 V
CNR = 1 µF
COUT = 50 µF
IOUT = 500 mA
G017
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VOUT = 1.4V
VOUT = 3.3V
VOUT = 5V
VOUT = 10V
VOUT = 15V
CNR = 1µF
COUT = 50µF
IOUT = 1000mA
G018
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VDO = 200 mV
VDO = 300 mV
VDO = 500 mV
VDO = 1 V
VOUT = 3.3 V,IOUT = 500 mA
CNR = 1 µF, COUT = 50 µF
G015
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VDO = 200 mV
VDO = 300 mV
VDO = 500 mV
VDO = 1 V
VOUT = 3.3 V
CNR = 1 µF
COUT = 50 µF
IOUT = 1 A
G016
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 0 mA
IOUT = 50 mA
IOUT = 500 mA
IOUT = 1000 mA
CNR = 1 µF
COUT = 50 µF
VIN = 3 V
VOUT = 1.4 V
G013
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VDO = 200 mV
VDO = 300 mV
VDO = 500 mV
VDO = 1 V
VOUT = 3.3 V
CNR = 1 µF
COUT = 50 µF
IOUT = 50 mA
G014
TPS7A4700, TPS7A4701
SBVS204F – JUNE 2012 – REVISED SEPTEMBER 2014
www.ti.com
Typical Characteristics (continued)
At –40°C
≤ TJ ≤ 125°C; VI = VO(nom) + 1.0 V or VI = 3.0 V (whichever is greater); VEN = VI; IO = 0 mA; CIN =10 µF; COUT = 10
µF; CNR = 1 µF; SENSE/FB tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins OPEN, unless
otherwise noted.
Figure 13. Power-Supply Rejection Ratio vs IO
Figure 14. Power-Supply Rejection Ratio vs Dropout
Figure 15. Power-Supply Rejection Ratio vs Dropout
Figure 16. Power-Supply Rejection Ratio vs Dropout
Figure 17. Power-Supply Rejection Ratio vs Output Voltage
Figure 18. Power-Supply Rejection Ratio vs Output Voltage
10
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS7A4700 TPS7A4701


Similar Part No. - TPS7A4700_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4700EVM-094 TI1-TPS7A4700EVM-094 Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
TPS7A4700RGW TI1-TPS7A4700RGW Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWT TI1-TPS7A4700RGWT Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4700_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com