Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4700 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7A4700
Description  36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4700 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A4700 Datasheet HTML 1Page - Texas Instruments TPS7A4700 Datasheet HTML 2Page - Texas Instruments TPS7A4700 Datasheet HTML 3Page - Texas Instruments TPS7A4700 Datasheet HTML 4Page - Texas Instruments TPS7A4700 Datasheet HTML 5Page - Texas Instruments TPS7A4700 Datasheet HTML 6Page - Texas Instruments TPS7A4700 Datasheet HTML 7Page - Texas Instruments TPS7A4700 Datasheet HTML 8Page - Texas Instruments TPS7A4700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPS7A47xx
RF LDO
Amplifier
TPS7A33
Negative-Voltage
Regulator
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7A4700, TPS7A4701
SBVS204F – JUNE 2012 – REVISED SEPTEMBER 2014
TPS7A470x 36-V, 1-A, 4-µVRMS, RF LDO Voltage Regulator
1 Features
3 Description
The TPS7A47 is a family of positive voltage (+36 V),
1
Input Voltage Range: +3 V to +36 V
ultralow-noise (4 µVRMS) low-dropout linear regulators
Output Voltage Noise:
(LDO) capable of sourcing a 1-A load.
4 µVRMS (10 Hz, 100 kHz)
The
TPS7A4700
output
voltages
are
user-
Power-Supply Ripple Rejection:
programmable (up to 20.5 V) using a printed circuit
82 dB (100 Hz)
board (PCB) layout without the need of external
resistors or feed-forward capacitors, thus reducing
≥ 55 dB (10 Hz, 10 MHz)
overall component count.
Two Output Voltage Modes:
The TPS7A4701 output voltage can be configured
ANY-OUT™ Version (User-Programmable
with a user-programmable PCB layout (up to 20.5 V),
Output via PCB Layout):
or adjustable (up to 34 V) with external feedback
No External Feedback Resistors or Feed-
resistors.
Forward Capacitors Required
The TPS7A47 is designed with bipolar technology
Output Voltage Range: +1.4 V to +20.5 V
primarily
for
high-accuracy,
high-precision
Adjustable Version (TPS7A4701 only):
instrumentation applications where clean voltage rails
Output Voltage Range: +1.4 V to +34 V
are critical to maximize system performance. This
feature
makes
the
device
ideal
for
powering
Output Current: 1 A
operational amplifiers, analog-to-digital converters
Dropout Voltage: 307 mV at 1 A
(ADCs), digital-to-analog converters (DACs), and
CMOS Logic Level-Compatible Enable Pin
other high-performance analog circuitry in critical
applications such as medical, radio frequency (RF),
Built-In Fixed Current Limit and
and test-and-measurement.
Thermal Shutdown
Available in High-Performance Thermal Package:
In addition, the TPS7A47 is ideal for post dc-dc
converter regulation. By filtering out the output
5-mm × 5-mm QFN
voltage
ripple
inherent
to
dc-dc
switching
Operating Temperature Range:
conversions,
maximum
system
performance
is
–40°C to 125°C
ensured
in
sensitive
instrumentation,
test-and-
measurement, audio, and RF applications.
2 Applications
For applications where positive and negative low-
Voltage-Controlled Oscillators (VCO)
noise rails are required, consider TI's TPS7A33 family
Frequency Synthesizers
of
negative
high-voltage,
ultralow-noise
linear
regulators.
Test and Measurement
Instrumentation, Medical, and Audio
Device Information(1)
RX, TX, and PA Circuitry
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Supply Rails for Operational Amplifiers,
TPS7A470x
VQFN (20)
5 mm × 5 mm
DACs, ADCs, and Other High-Precision Analog
(1) For all available packages, see the orderable addendum at
Circuitry
the end of the datasheet.
Post DC-DC Converter Regulation and
Ripple Filtering
Base Stations and Telecom Infrastructure
+12-V and +24-V Industrial Buses
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS7A4700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700EVM-094 TI1-TPS7A4700EVM-094 Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
TPS7A4700RGW TI1-TPS7A4700RGW Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com