Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V659S15DRI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT70V659S15DRI
Description  HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V659S15DRI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT70V659S15DRI Datasheet HTML 1Page - Integrated Device Technology IDT70V659S15DRI Datasheet HTML 2Page - Integrated Device Technology IDT70V659S15DRI Datasheet HTML 3Page - Integrated Device Technology IDT70V659S15DRI Datasheet HTML 4Page - Integrated Device Technology IDT70V659S15DRI Datasheet HTML 5Page - Integrated Device Technology IDT70V659S15DRI Datasheet HTML 6Page - Integrated Device Technology IDT70V659S15DRI Datasheet HTML 7Page - Integrated Device Technology IDT70V659S15DRI Datasheet HTML 8Page - Integrated Device Technology IDT70V659S15DRI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
IDT70V659S
Preliminary
High-Speed 3.3V 128K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
NOTES:
1. All VDD pins must be connected to 3.3V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V) and 2.5V if OPT pin for that port is
set to VIL (0V).
3. All VSS pins must be connected to ground.
4. Package body is approximately 28mm x 28mm x 3.5mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
70V659DR
DR-208(5)
208-Pin PQFP
Top View(6)
I/O19L
I/O19R
I/O20L
I/O20R
VDDQL
VSS
I/O21L
I/O21R
I/O22L
I/O22R
VDDQR
VSS
I/O23L
I/O23R
I/O24L
I/O24R
VDDQL
VSS
I/O25L
I/O25R
I/O26L
I/O26R
VDDQR
VSS
VDD
VDD
VSS
VSS
VDDQL
VSS
I/O27R
I/O27L
I/O28R
I/O28L
VDDQR
VSS
I/O29R
I/O29L
I/O30R
I/O30L
VDDQL
VSS
I/O31R
I/O31L
I/O32R
I/O32L
VDDQR
VSS
I/O33R
I/O33L
I/O34R
I/O34L
I/O16L
I/O16R
I/O15L
I/O15R
VSS
VDDQL
I/O14L
I/O14R
I/O13L
I/O13R
VSS
VDDQR
I/O12L
I/O12R
I/O11L
I/O11R
VSS
VDDQL
I/O10L
I/O10R
I/O9L
I/O9R
VSS
VDDQR
VDD
VDD
VSS
VSS
VSS
VDDQL
I/O8R
I/O8L
I/O7R
I/O7L
VSS
VDDQR
I/O6R
I/O6L
I/O5R
I/O5L
VSS
VDDQL
I/O4R
I/O4L
I/O3R
I/O3L
VSS
VDDQR
I/O2R
I/O2L
I/O1R
I/O1L
4869 drw 02a
Pin Configurations(1,2,3,4) (con't.)


Similar Part No. - IDT70V659S15DRI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V659S15DRI IDT-IDT70V659S15DRI Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V659S15DRI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com