Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61CN1102TH Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC61CN1102TH
Description  Low Voltage Detectors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61CN1102TH Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC61CN1102TH Datasheet HTML 6Page - Torex Semiconductor XC61CN1102TH Datasheet HTML 7Page - Torex Semiconductor XC61CN1102TH Datasheet HTML 8Page - Torex Semiconductor XC61CN1102TH Datasheet HTML 9Page - Torex Semiconductor XC61CN1102TH Datasheet HTML 10Page - Torex Semiconductor XC61CN1102TH Datasheet HTML 11Page - Torex Semiconductor XC61CN1102TH Datasheet HTML 12Page - Torex Semiconductor XC61CN1102TH Datasheet HTML 13Page - Torex Semiconductor XC61CN1102TH Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10/19
XC61C Series
OPERATIONAL EXPLANATION
(Especially prepared for CMOS output products)
When input voltage (VIN) rises above detect voltage (VDF), output voltage (VOUT) will be equal to VIN.
(A condition of high impedance exists with N-ch open drain output configurations.)
When input voltage (VIN) falls below detect voltage (VDF), output voltage (VOUT) will be equal to the ground voltage
(VSS) level.
When input voltage (VIN) falls to a level below that of the minimum operating voltage (VMIN), output will become
unstable. In this condition, VIN will equal the pulled-up output (should output be pulled-up.)
When input voltage (VIN) rises above the ground voltage (VSS) level, output will be unstable at levels below the
minimum operating voltage (VMIN). Between the VMIN and detect release voltage (VDR) levels, the ground voltage (VSS)
level will be maintained.
When input voltage (VIN) rises above detect release voltage (VDR), output voltage (VOUT) will be equal to VIN.
(A condition of high impedance exists with N-ch open drain output configurations.)
The difference between VDR and VDF represents the hysteresis range.
Timing Chart


Similar Part No. - XC61CN1102TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CN0801LB TOREX-XC61CN0801LB Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CN0801LH TOREX-XC61CN0801LH Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CN0801LL TOREX-XC61CN0801LL Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CN0801LR TOREX-XC61CN0801LR Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CN0801MB TOREX-XC61CN0801MB Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
More results

Similar Description - XC61CN1102TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com