Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL34119N Datasheet(PDF) 5 Page - Integral Corp.

Part # IL34119N
Description  Low Power Audio Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL34119N Datasheet(HTML) 5 Page - Integral Corp.

  IL34119N Datasheet HTML 1Page - Integral Corp. IL34119N Datasheet HTML 2Page - Integral Corp. IL34119N Datasheet HTML 3Page - Integral Corp. IL34119N Datasheet HTML 4Page - Integral Corp. IL34119N Datasheet HTML 5Page - Integral Corp. IL34119N Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IL34119
5
ELECTRICAL CHARACTERISTICS(T
A = -10 to +70°C, VCD = 0 V)
Symbol
Parameter
Test Conditions
Guaranteed
Limits
Unit
Min
Max
AMPLIFIERS (AC CHARACTERISTICS)
ri
AC Input Resistance (VIN)
22.5
-
M
AVOL1
Open Loop Gain (Amplifier
#1)
f = 100 Hz, VCC = 6.0 V,
VFC2 = 2.65 V
60
-
dB
AV2
Closed Loop Gain (Amplifier
#2)
f = 1.0 KHz, VCC = 6.0 V,
RL=32 Ω
-0.35
+0.35
dB
GBW
Gain Bandwidth Product
1.125
-
MHz
POUT3
POUT12
Output Power
VCC = 3.0 V, RL = 16 Ω,
THD
≤ 10%, V
FC2 = 1.15 V
VCC = 12.0 V, RL = 100 Ω,
THD
≤ 10%, V
FC2=12 V
55
400*
-
-
mW
THD
Total Harmonic Distortion
VCC = 6.0 V, RL = 32 Ω,
f = 1.0 KHz, POUT = 125 mW
-5.0
%
PSRR
Power Supply Rejection
VCC = 6.0 V, ∆VCC = 3.0 V,
C1 =
∞, C2 = 0.01 µF
35
-
dB
GMT
Muting
VCC = 6.0 V, f = 1.0 kHz,
CD = 2.0 V
50
-
dB
POWER SUPPLY
ICC1
ICC2
Maximum Power Supply
Current
VCC =3.0 V, RL =∞,CD=0.8V
VCC =3.0 V, RL =∞,CD=2.0V
-
-
5.0
125
mA
µA
* @25
°C
Figure 1. POWER SUPPLY CURRENT
Figure 2. DEVICE DISSIPATION
8.0
Ω LOAD


Similar Part No. - IL34119N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL34119 IKSEMICON-IL34119 Datasheet
725Kb / 7P
   Low Power Down Quiescent Current
More results

Similar Description - IL34119N

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com