Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6933-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS7B6933-Q1
Description  High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6933-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7B6933-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B6933-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B6933-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B6933-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B6933-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B6933-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B6933-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B6933-Q1 Datasheet HTML 9Page - Texas Instruments TPS7B6933-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
4
D012
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
D009
Junction Temperature (GC)
-55
-25
5
35
65
95
125
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
D008
IO = 1 mA
IO = 80 mA
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
D002
Junction Temperature (GC)
-55
-25
5
35
65
95
125
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
D001
IO = 1 mA
IO = 80 mA
Junction Temperature (GC)
-55
-25
5
35
65
95
125
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
D011
IO = 1 mA
IO = 80 mA
TPS7B6925-Q1, TPS7B6933-Q1, TPS7B6950-Q1
SLVSCJ8B – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.6 Typical Characteristics
VI = 14 V
Figure 1. 5-V Output Voltage vs Junction Temperature
Figure 2. 3.3-V Output Voltage vs Junction Temperature
VI = 14 V
IO = 0 mA
Figure 3. 2.5-V Output Voltage vs Junction Temperature
Figure 4. 5-V Output Voltage vs Supply Voltage
IO = 0 mA
IO = 0 mA
Figure 5. 3.3-V Output Voltage vs Supply Voltage
Figure 6. 2.5-V Output Voltage vs Supply Voltage
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS7B6925-Q1 TPS7B6933-Q1 TPS7B6950-Q1


Similar Part No. - TPS7B6933-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6933-Q1 TI1-TPS7B6933-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B6933-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Texas Instruments
TPS7A6933QDRQ1 TI-TPS7A6933QDRQ1 Datasheet
7Mb / 26P
[Old version datasheet]   High-Voltage Ultralow-Iq Low-Dropout Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com