Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA120CG Datasheet(PDF) 5 Page - Texas Instruments

Part # INA120CG
Description  INSTRUMENTATION AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA120CG Datasheet(HTML) 5 Page - Texas Instruments

  INA120CG Datasheet HTML 1Page - Texas Instruments INA120CG Datasheet HTML 2Page - Texas Instruments INA120CG Datasheet HTML 3Page - Texas Instruments INA120CG Datasheet HTML 4Page - Texas Instruments INA120CG Datasheet HTML 5Page - Texas Instruments INA120CG Datasheet HTML 6Page - Texas Instruments INA120CG Datasheet HTML 7Page - Texas Instruments INA120CG Datasheet HTML 8Page - Texas Instruments INA120CG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
®
INA120
5
INPUT-REFERRED NOISE
G = 1000
Time (2s/ Division)
SMALL-SIGNAL TRANSIENT RESPONSE
G = 1
Time (20
µs/ Division)
Time (20
µs/ Division)
LARGE-SIGNAL TRANSIENT
RESPONSE G = 1
SLEW RATE vs TEMPERATURE
1
0.8
0.6
0.4
0.2
0
–50
–25
0
+25
+50
+75
+100
+125
Ambient Temperature (°C)
–75
Output
Op Amp
QUIESCENT CURRENT vs TEMPERATURE
3
2.8
2.6
2.4
2.2
2.0
–50
–25
0
+25
+50
+75
+100
+125
Ambient Temperature (°C)
–75
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VS = ±15V unless otherwise noted.
35
30
25
20
15
–50
–25
0
+25
+50
+75
+100
+125
Ambient Temperature (°C)
–75
CURRENT LIMIT vs TEMPERATURE
Output
Op Amp


Similar Part No. - INA120CG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA121P BURR-BROWN-INA121P Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121P TI1-INA121P Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA121PA BURR-BROWN-INA121PA Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA120CG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com