Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V632S5PF8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V632S5PF8
Description  64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V632S5PF8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT71V632S5PF8 Datasheet HTML 2Page - Integrated Device Technology IDT71V632S5PF8 Datasheet HTML 3Page - Integrated Device Technology IDT71V632S5PF8 Datasheet HTML 4Page - Integrated Device Technology IDT71V632S5PF8 Datasheet HTML 5Page - Integrated Device Technology IDT71V632S5PF8 Datasheet HTML 6Page - Integrated Device Technology IDT71V632S5PF8 Datasheet HTML 7Page - Integrated Device Technology IDT71V632S5PF8 Datasheet HTML 8Page - Integrated Device Technology IDT71V632S5PF8 Datasheet HTML 9Page - Integrated Device Technology IDT71V632S5PF8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6.42
6
IDT71V632, 64K x 32, 3.3V Synchronous SRAM
with Pipelined Outputs and Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Synchronous Truth Table(1,2)
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. ZZ = LOW for this table.
3.
OE is an asynchronous input.
Operation
Address
Used
CE
CS0
CS1
ADSP ADSC
ADV
GW
BWE
BWX
OE(3)
CLK
I/O
Deselected Cycle, Power Down
None
H
X
X
X
L
X
X
X
X
X
Hi-Z
Deselected Cycle, Power Down
None
L
X
H
L
XXXX
XX
Hi-Z
Deselected Cycle, Power Down
None
L
L
X
L
XXXX
XX
Hi-Z
Deselected Cycle, Power Down
None
L
X
H
X
L
X
X
X
X
X
Hi-Z
Deselected Cycle, Power Down
None
L
L
X
X
L
X
X
X
X
X
Hi-Z
Read Cycle, Begin Burst
External
L
H
L
L
XXXX
X
L
DOUT
Read Cycle, Begin Burst
External
L
H
L
L
XXXX
X
H
Hi-Z
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
H
X
L
DOUT
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
H
L
DOUT
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
H
H
Hi-Z
Write Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
L
X
DIN
Write Cycle, Begin Burst
External
L
H
L
H
L
X
L
X
X
X
DIN
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
H
X
L
DOUT
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
H
X
H
Hi-Z
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
X
H
L
DOUT
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
X
H
H
Hi-Z
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
H
X
L
DOUT
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
H
X
H
Hi-Z
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
X
H
L
DOUT
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
X
H
H
Hi-Z
Write Cycle, Continue Burst
Next
X
X
X
H
H
L
H
L
L
X
DIN
Write Cycle, Continue Burst
Next
X
X
X
H
H
L
L
X
X
X
DIN
Write Cycle, Continue Burst
Next
H
X
X
X
H
L
H
L
L
X
DIN
Write Cycle, Continue Burst
Next
H
X
X
X
H
L
L
X
X
X
DIN
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
H
X
L
DOUT
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
H
X
H
Hi-Z
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
X
H
L
DOUT
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
X
H
H
Hi-Z
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
H
X
L
DOUT
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
H
X
H
Hi-Z
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
X
H
L
DOUT
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
X
H
H
Hi-Z
Write Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
L
L
X
DIN
Write Cycle, Suspend Burst
Current
X
X
X
H
H
H
L
X
X
X
DIN
Write Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
L
L
X
DIN
Write Cycle, Suspend Burst
Current
H
X
X
X
H
H
L
X
X
X
DIN
3619 tbl 07


Similar Part No. - IDT71V632S5PF8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V632S5PF8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V633 IDT-IDT71V633 Datasheet
269Kb / 19P
   64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
   32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S_14 Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3576S IDT-IDT71V3576S_15 Datasheet
220Kb / 18P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V432 RENESAS-IDT71V432 Datasheet
371Kb / 18P
   32K x 32 CacheRAM™ 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
OCTOBER 2014
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
71V25761S RENESAS-71V25761S Datasheet
278Kb / 18P
   128K X 36 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Jul.27. 20
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com