Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS793-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS793-Q1
Description  Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS793-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS793-Q1 Datasheet HTML 4Page - Texas Instruments TPS793-Q1 Datasheet HTML 5Page - Texas Instruments TPS793-Q1 Datasheet HTML 6Page - Texas Instruments TPS793-Q1 Datasheet HTML 7Page - Texas Instruments TPS793-Q1 Datasheet HTML 8Page - Texas Instruments TPS793-Q1 Datasheet HTML 9Page - Texas Instruments TPS793-Q1 Datasheet HTML 10Page - Texas Instruments TPS793-Q1 Datasheet HTML 11Page - Texas Instruments TPS793-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
f − Frequency − Hz
VI = 3.8 V
Co = 2.2 F
m
C(byp) = 0.01 F
m
IO = 10 mA
IO = 200 mA
40
70
90
30
50
80
10
0
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
f − Frequency − Hz
VI = 3.8 V
Co = 2.2 F
m
C(byp) = 0.1 F
m
IO = 10 mA
IO = 200 mA
40
70
90
30
50
80
10
0
0
20
40
60
80
100
120
140
160
180
−40 −25 −10 5
20 35
50 65
80
95 110 125
IO = 200 mA
IO = 10 mA
VI = 2.7 V
Co = 10 F
m
TJ − Junction Temperature − °C
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
f − Frequency − Hz
IO = 10 mA
50
0
VI = 3.8 V
Co = 10 F
m
C(byp) = 0.01 F
m
IO = 200 mA
20
30
60
70
90
100
0.001
0.01
0.1
C(byp) − Bypass Capacitance − mF
0
10
20
30
40
50
60
VO = 2.8 V
IO = 200 mA
Co = 10 F
m
BW = 100 Hz to 100 kHz
100
1 M
10
1 k
f − Frequency − Hz
10 k
100 k
IO = 1 mA
0
0.5
1
1.5
2
2.5
0
IO = 100 mA
10 M
VI = 3.8 V
Co = 10 F
m
TJ = 25° C
8
TPS793-Q1
SGLS162I – APRIL 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS793-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Root Mean Squared Output Noise vs
Bypass Capacitance
Figure 8. Output Impedance vs Frequency
Figure 9. TPS79328-Q1 Dropout Voltage vs Junction
Temperature
Figure 10. TPS79328-Q1 Ripple Rejection vs Frequency
Figure 11. TPS79328-Q1 Ripple Rejection vs Frequency
Figure 12. TPS79328-Q1 Ripple Rejection vs Frequency


Similar Part No. - TPS793-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS793-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com