Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79325YZQR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79325YZQR
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79325YZQR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79325YZQR Datasheet HTML 4Page - Texas Instruments TPS79325YZQR Datasheet HTML 5Page - Texas Instruments TPS79325YZQR Datasheet HTML 6Page - Texas Instruments TPS79325YZQR Datasheet HTML 7Page - Texas Instruments TPS79325YZQR Datasheet HTML 8Page - Texas Instruments TPS79325YZQR Datasheet HTML 9Page - Texas Instruments TPS79325YZQR Datasheet HTML 10Page - Texas Instruments TPS79325YZQR Datasheet HTML 11Page - Texas Instruments TPS79325YZQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
Frequency (Hz)
VIN = 3.8 V
COUT = 2.2 F
m
CNR = 0.01 F
m
IOUT = 10 mA
IOUT = 200 mA
40
70
90
30
50
80
10
0
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
Frequency (Hz)
VIN = 3.8 V
COUT = 2.2 F
m
CNR = 0.1 F
m
IOUT = 10 mA
IOUT = 200 mA
40
70
90
30
50
80
10
0
0
20
40
60
80
100
120
140
160
180
−40 −25 −10 5
20 35
50 65
80
95 110 125
IOUT = 200 mA
IOUT = 10 mA
VIN = 2.7 V
COUT = 10 F
m
TJ (°C)
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
Frequency (Hz)
IOUT = 10 mA
50
0
VIN = 3.8 V
COUT = 10 F
m
CNR = 0.01 F
m
IOUT = 200 mA
20
30
60
70
90
100
0.001
0.01
0.1
CNR (mF)
0
10
20
30
40
50
60
VOUT = 2.8 V
IOUT = 200 mA
COUT = 10 F
m
BW = 100 Hz to 100 kHz
100
1 M
10
1 k
Frequency (Hz)
10 k
100 k
IOUT = 1 mA
0
0.5
1.0
1.5
2.0
2.5
0
IOUT = 100 mA
10 M
VIN = 3.8 V
COUT = 10 F
m
TJ = 25° C
8
TPS793
SLVS348L – JULY 2001 – REVISED MAY 2015
www.ti.com
Product Folder Links: TPS793
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Over recommended operating temperature range TJ = –40°C to 125°C, VEN = VIN, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, COUT =
10 μF, CNR = 0.01 μF, VOUT(nom) = 2.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
Figure 7. Root Mean Square Output Noise vs CNR
Figure 8. Output Impedance vs Frequency
Figure 9. TPS79328 Dropout Voltage vs Junction
Temperature
Figure 10. TPS79328 Ripple Rejection vs Frequency
Figure 11. TPS79328 Ripple Rejection vs Frequency
Figure 12. TPS79328 Ripple Rejection vs Frequency


Similar Part No. - TPS79325YZQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79325YZQR TI1-TPS79325YZQR Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS79325YZQR TI-TPS79325YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79325YZQR TI1-TPS79325YZQR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79325YZQR TI1-TPS79325YZQR Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS79325YZQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com