Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS793285DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS793285DBVR
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS793285DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS793285DBVR Datasheet HTML 2Page - Texas Instruments TPS793285DBVR Datasheet HTML 3Page - Texas Instruments TPS793285DBVR Datasheet HTML 4Page - Texas Instruments TPS793285DBVR Datasheet HTML 5Page - Texas Instruments TPS793285DBVR Datasheet HTML 6Page - Texas Instruments TPS793285DBVR Datasheet HTML 7Page - Texas Instruments TPS793285DBVR Datasheet HTML 8Page - Texas Instruments TPS793285DBVR Datasheet HTML 9Page - Texas Instruments TPS793285DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
TPS793
SLVS348L – JULY 2001 – REVISED MAY 2015
www.ti.com
Product Folder Links: TPS793
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
Dropout is not measured for the TPS79318 and TPS79325 because minimum VIN = 2.7 V.
(3)
For adjustable versions, this parameter applies only after VIN is applied; then VEN transitions high to low.
6.5 Electrical Characteristics
Over recommended operating temperature range TJ = –40°C to 125°C, VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1 mA, COUT =
10 μF, CNR = 0.01 μF (unless otherwise noted). Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
5.5
V
IOUT
Continuous output current
0
200
mA
VFB
Internal reference (TPS79301)
1.201
1.225
1.250
V
VOUT
Output voltage
range
TPS79301
VFB
5.5 – VDO
V
TPS79318
0 µA < IOUT < 200 mA, 2.8 V < VIN < 5.5 V
1.764
1.8
1.836
TPS79325
0 µA < IOUT < 200 mA, 3.5 V < VIN < 5.5 V
2.45
2.5
2.55
TPS79328
0 µA < IOUT < 200 mA, 3.8 V < VIN < 5.5 V
2.744
2.8
2.856
TPS793285
0 µA < IOUT < 200 mA, 3.85 V < VIN < 5.5 V
2.793
2.85
2.907
TPS79330
0 µA < IOUT < 200 mA, 4 V < VIN < 5.5 V
2.94
3
3.06
TPS79333
0 µA < IOUT < 200 mA, 4.3 V < VIN < 5.5 V
3.234
3.3
3.366
TPS793475
0 µA < IOUT < 200 mA, 5.25 V < VIN < 5.5 V
4.655
4.75
4.845
ΔVOUT(ΔVIN)
Line regulation
VOUT + 1 V < VIN ≤ 5.5 V
0.05
0.12
%/V
ΔVOUT(ΔIOUT)
Load regulation
0 µA < IOUT < 200 mA, TJ = 25°C
5
mV
VDO
Dropout
voltage(2)
(VIN = VOUT(nom)
0.1 V)
TPS79328
IOUT = 200 mA
120
200
mV
TPS793285
IOUT = 200 mA
120
200
TPS79330
IOUT = 200 mA
112
200
TPS79333
IOUT = 200 mA
12
180
TPS793475
IOUT = 200 mA
77
125
ICL
Output current limit
VOUT = 0 V
285
600
mA
IGND
Ground pin current
0 µA < IOUT < 200 mA
170
220
µA
ISHUTDOWN
Shutdown current(3)
VEN = 0 V, 2.7 V < VIN < 5.5 V
0.07
1
µA
IFB
FB pin current
VFB = 1.8 V
1
µA
PSRR
Power-supply
rejection ratio
TPS79328
f = 100 Hz, IOUT = 10 mA
70
dB
f = 100 Hz, IOUT = 200 mA
68
f = 10 kHz, IOUT = 200 mA
70
f = 100 kHz, IOUT = 200 mA
43
Vn
Output noise
voltage
TPS79328
BW = 200 Hz to
100 kHz,
IOUT = 200 mA
CNR = 0.001 μF
55
µVRMS
CNR = 0.0047 μF
36
CNR = 0.01 μF
33
CNR = 0.1 μF
32
tSTR
Startup time
TPS79328
RL = 14 Ω,
COUT = 1 µF
CNR = 0.001 μF
50
µs
CNR = 0.0047 μF
70
CNR = 0.01 μF
100
VEN(high)
High-level enable input voltage
2.7 V < VIN < 5.5 V
1.7
VIN
V
VEN(low)
Low-level enable input voltage
2.7 V < VIN < 5.5 V
0
0.7
V
IEN
EN pin current
VEN = 0 V
–1
1
µA
UVLO
Threshold, VCC rising
2.25
2.65
V
Hysteresis
100
mV


Similar Part No. - TPS793285DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793285DBVR TI-TPS793285DBVR Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS793285DBVR TI1-TPS793285DBVR Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS793285DBVR TI-TPS793285DBVR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793285DBVR TI1-TPS793285DBVR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793285DBVR TI1-TPS793285DBVR Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS793285DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com