Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79418DCQ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79418DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79418DCQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79418DCQ Datasheet HTML 4Page - Texas Instruments TPS79418DCQ Datasheet HTML 5Page - Texas Instruments TPS79418DCQ Datasheet HTML 6Page - Texas Instruments TPS79418DCQ Datasheet HTML 7Page - Texas Instruments TPS79418DCQ Datasheet HTML 8Page - Texas Instruments TPS79418DCQ Datasheet HTML 9Page - Texas Instruments TPS79418DCQ Datasheet HTML 10Page - Texas Instruments TPS79418DCQ Datasheet HTML 11Page - Texas Instruments TPS79418DCQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
GND
EN
NR
IN
OUT
V
IN
V
OUT
0.01
µF
2.2
µF
1
µF
TPS794xx
BOARD LAYOUT RECOMMENDATION TO
EXTERNAL CAPACITOR REQUIREMENTS
REGULATOR MOUNTING
TPS794xx
SLVS349E – NOVEMBER 2001 – REVISED DECEMBER 2005
order for the regulator to operate properly, the
The
TPS794xx
family
of
low-dropout
(LDO)
current flow out of the NR pin must be at a minimum,
regulators
has
been
optimized
for
use
in
because any leakage current creates an IR drop
noise-sensitive
equipment.
The
device
features
across the internal resistor, thus creating an output
extremely low dropout voltages, high PSRR, ultralow
error. Therefore, the bypass capacitor must have
output
noise,
low
quiescent
current
(265
µA
minimal leakage current. The bypass capacitor
typically), and an enable input to reduce supply
should be no more than 0.1-
µF in order to ensure
currents
to
less
than
that it is fully charged during the quickstart time
1
µA when the regulator is turned off.
provided by the internal switch shown in the
Functional Block Diagram.
A typical application circuit is shown in Figure 22.
For example, the TPS79430 exhibits only 33
µV
RMS
of output voltage noise using a 0.1-
µF ceramic
bypass capacitor and a 10-
µF ceramic output
capacitor. Note that the output starts up slower as
the bypass capacitance increases because of the RC
time constant at the bypass pin that is created by the
internal 250-k
Ω resistor and external capacitor.
IMPROVE PSRR AND NOISE
Figure 22. Typical Application Circuit
PERFORMANCE
To improve ac measurements such as PSRR, output
noise, and transient response, it is recommended
that the board be designed with separate ground
A 1-
µF or larger ceramic input bypass capacitor,
planes for VIN and VOUT, with each ground plane
connected between IN and GND and located close
connected only at the ground pin of the device. In
to the TPS794xx, is required for stability and
addition, the ground connection for the bypass
improves transient response, noise rejection, and
capacitor should connect directly to the ground pin of
ripple rejection. A higher-value input capacitor may
the device.
be necessary if large, fast-rise-time load transients
are anticipated and the device is located several
inches from the power source.
The tab of the SOT223-6 package is electrically
Like most low-dropout regulators, the TPS794xx
connected to ground. For best thermal performance,
requires an output capacitor connected between
the tab of the surface-mount version should be
OUT and GND to stabilize the internal control loop.
soldered directly to a circuit-board copper area.
The minimum recommended capacitance is 1
µF.
Increasing
the
copper
area
improves
heat
Any
dissipation.
1
µF or larger ceramic capacitor is suitable.
Solder
pad
footprint
recommendations
for
the
The internal voltage reference is a key source of
devices
are
presented
in
Application
Report
noise in an LDO regulator. The TPS794xx has an
SBFA015,
Solder
Pad
Recommendations
for
NR pin which is connected to the voltage reference
Surface-Mount Devices, available from the TI web
through a 250-k
Ω internal resistor. The 250-kΩ
site (www.ti.com).
internal resistor, in conjunction with an external
bypass capacitor connected to the NR pin, creates a
low-pass filter to reduce the voltage reference noise
and, therefore, the noise at the regulator output. In
8
Submit Documentation Feedback


Similar Part No. - TPS79418DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79418DCQ TI-TPS79418DCQ Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418DCQR TI-TPS79418DCQR Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79418DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com