Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79425DGNT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79425DGNT
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79425DGNT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79425DGNT Datasheet HTML 2Page - Texas Instruments TPS79425DGNT Datasheet HTML 3Page - Texas Instruments TPS79425DGNT Datasheet HTML 4Page - Texas Instruments TPS79425DGNT Datasheet HTML 5Page - Texas Instruments TPS79425DGNT Datasheet HTML 6Page - Texas Instruments TPS79425DGNT Datasheet HTML 7Page - Texas Instruments TPS79425DGNT Datasheet HTML 8Page - Texas Instruments TPS79425DGNT Datasheet HTML 9Page - Texas Instruments TPS79425DGNT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 2.2 µF,
CNR = 0.01 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
90
100 k
1 M
10 M
0
30
50
80
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 10 µF,
CNR = 0.01 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
90
100 k
1 M
10 M
0
30
50
80
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 2.2 µF,
CNR = 0.1 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
90
100 k
1 M
10 M
0
30
50
80
0
250
−50
0
50
0
30
60
90
120
150
180
210
Time (
µs)
VIN = 4.3 V,
COUT = 10 µF
di
dt +
0.02A
ms
V_Enable
3
Time (
µs)
0
240
160
80
320 400
560
480
640 720 800
1
2
0
0
2
4
CNR = 0.0047 µF
VIN = 4.3 V,
VOUT = 3.3 V,
IOUT = 250 mA,
COUT = 2.2 µF
CNR = 0.001 µF
Time (
µs)
−30
−20
−10
0
10
4.5
5.0
5.5
6.0
0
100
200
300
400
500
IOUT = 250 mA,COUT = 10 µF,
CNR = 0.1 µF, dv/dt = 1 V/µs
0
50
100
150
200
0
250
TA = 125°C
TA = 25°C
TA = −40°C
IOUT (mA)
25 50
75 100 125 150 175 200 225
0
50
100
150
200
250
2.5
3.5
4.0
TA = 125°C
TA = 25°C
VIN (V)
COUT = 10 µF,
CNR = 0.01 µF,
IOUT = 250 mA
3.0
4.5
5.0
TA = −40°C
−0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.4
2.8
4.2
5.6
7.0
8.4
9.8
VOUT
VIN
t (ms)
VOUT = 2.5 V,
RL = 10 Ω
TPS794xx
SLVS349E – NOVEMBER 2001 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
TPS79433
TPS79433
TPS79433
RIPPLE REJECTION
RIPPLE REJECTION
RIPPLE REJECTION
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 11.
Figure 12.
Figure 13.
TPS79433
OUTPUT VOLTAGE,
TPS79433
TPS79433
ENABLE VOLTAGE
LINE TRANSIENT
LOAD TRANSIENT
vs TIME (START-UP)
RESPONSE
RESPONSE
Figure 14.
Figure 15.
Figure 16.
TPS79425
TPS79433
TPS79401
POWER-UP/
DROPOUT VOLTAGE
DROPOUT VOLTAGE
POWER-DOWN
vs OUTPUT CURRENT
vs INPUT VOLTAGE
Figure 17.
Figure 18.
Figure 19.
6
Submit Documentation Feedback


Similar Part No. - TPS79425DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79425DGNT TI-TPS79425DGNT Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79425DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com