Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS799L57YZYT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS799L57YZYT
Description  200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS799L57YZYT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS799L57YZYT Datasheet HTML 2Page - Texas Instruments TPS799L57YZYT Datasheet HTML 3Page - Texas Instruments TPS799L57YZYT Datasheet HTML 4Page - Texas Instruments TPS799L57YZYT Datasheet HTML 5Page - Texas Instruments TPS799L57YZYT Datasheet HTML 6Page - Texas Instruments TPS799L57YZYT Datasheet HTML 7Page - Texas Instruments TPS799L57YZYT Datasheet HTML 8Page - Texas Instruments TPS799L57YZYT Datasheet HTML 9Page - Texas Instruments TPS799L57YZYT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
60
50
40
30
20
10
0
2.5
3.0
4.5
5.5
6.5
V
(V)
IN
7.0
3.5
4.0
5.0
6.0
I
= 200 mA
OUT
I
= 500 A
m
OUT
47
46
45
44
43
42
41
40
39
0
50
100
150
200
250
Output Current (mA)
+125°C
+85°C
+25°C
-40°C
200
180
160
140
120
100
80
60
40
20
0
2.7
3.3
3.9
4.5
5.1
5.5
V
(
IN V)
+125°C
+85°C
+25°C
40°C
-
2.9 3.1
3.5 3.7
4.1 4.3
4.7 4.9
5.3
140
120
100
80
60
40
20
0
0
50
100
150
200
250
Output Current (mA)
+125°C
+85°C
+25°C
40°C
-
5.8
5.75
5.7
5.65
5.6
0
50
100
150
200
250
Output Current (mA)
+125 C
°
+85°C
+25°C
40°C
-
5.6
5.65
5.7
5.75
5.8
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
IOUT = 10 mA
IOUT = 250 mA
G009
TPS799L54, TPS799L57
SBVS191B – APRIL 2012 – REVISED AUGUST 2014
www.ti.com
6.6 Typical Characteristics
Over operating temperature range (TJ= –40°C to 125°C), VIN = VOUT(TYP) + 0.3 V or 2.7 V, whichever is greater; IOUT = 1 mA,
VEN = VIN, COUT = 2.2 μF, and CNR = 0.01μF, unless otherwise noted. Typical values are at TJ = 25°C.
TPS799Axx
VIN = 6.5 V
Figure 1. Load Regulation
Figure 2. Output Voltage vs Junction Temperature
IOUT = 250 mA
Figure 3. Dropout Voltage vs Output Current
Figure 4. Dropout Voltage vs Input Voltage
VIN = 6.5 V
Figure 6. Ground Pin Current vs Output Current
Figure 5. Ground Pin Current vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS799L54 TPS799L57


Similar Part No. - TPS799L57YZYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799L57YZYT TI1-TPS799L57YZYT Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
More results

Similar Description - TPS799L57YZYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com