Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS9103 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS9103
Description  POWER SUPPLY FOR GAAS POWER AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS9103 Datasheet(HTML) 3 Page - Texas Instruments

  TPS9103 Datasheet HTML 1Page - Texas Instruments TPS9103 Datasheet HTML 2Page - Texas Instruments TPS9103 Datasheet HTML 3Page - Texas Instruments TPS9103 Datasheet HTML 4Page - Texas Instruments TPS9103 Datasheet HTML 5Page - Texas Instruments TPS9103 Datasheet HTML 6Page - Texas Instruments TPS9103 Datasheet HTML 7Page - Texas Instruments TPS9103 Datasheet HTML 8Page - Texas Instruments TPS9103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS9103
POWER SUPPLY FOR GaAs POWER AMPLIFIERS
SLVS131A − OCTOBER 1995 − REVISED JULY 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TPS9103Y chip information
This chip, when properly assembled, displays characteristics similar to the TPS9103. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform. Contact factory for die sales.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
83
116
(6)
(7)
TPS9103Y
C1 +
C1 −
BATT_IN
PGP
EN
OSC_EN
SW_EN
CLK
GATE_BIAS
BATT_OUT
BCLK
PG
VCC VDD
20
2
GND
10, 17
1
14, 15, 16
18
4
3
5, 6, 7
8
9
11
12
13
19
(2)
(3)
(1 )
(20)
(19)
(18)
(4)
(5)
(6)
(7)
(17)
(16)
(15)
(14)
(8)
(9)
(10)
(11)
(12)
(13)


Similar Part No. - TPS9103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9103 TI-TPS9103 Datasheet
341Kb / 22P
[Old version datasheet]   POWER SUPPLY FOR GaAs POWER AMPLIFIERS
TPS9103PW TI-TPS9103PW Datasheet
341Kb / 22P
[Old version datasheet]   POWER SUPPLY FOR GaAs POWER AMPLIFIERS
TPS9103Y TI-TPS9103Y Datasheet
341Kb / 22P
[Old version datasheet]   POWER SUPPLY FOR GaAs POWER AMPLIFIERS
More results

Similar Description - TPS9103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9103 TI-TPS9103 Datasheet
341Kb / 22P
[Old version datasheet]   POWER SUPPLY FOR GaAs POWER AMPLIFIERS
logo
NXP Semiconductors
UBA1710M PHILIPS-UBA1710M Datasheet
65Kb / 12P
   Modulator for GaAs power amplifiers
1997 Oct 17
logo
ANADIGICS, Inc
AN-0002 ANADIGICS-AN-0002 Datasheet
59Kb / 6P
   Biasing Circuits and Considerations for GaAs MESFET Power Amplifiers
logo
Renesas Technology Corp
UPC451A RENESAS-UPC451A Datasheet
595Kb / 11P
   Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
   Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC1251 RENESAS-UPC1251 Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
PC1251GR-9LG RENESAS-PC1251GR-9LG_15 Datasheet
346Kb / 14P
   SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
UPC1251A RENESAS-UPC1251A Datasheet
723Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
logo
Mitsubishi Electric Sem...
M5223L MITSUBISHI-M5223L Datasheet
331Kb / 5P
   DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
M5224P MITSUBISHI-M5224P Datasheet
177Kb / 5P
   QUAD SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com