Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79927-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS79927-Q1
Description  200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79927-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS79927-Q1 Datasheet HTML 1Page - Texas Instruments TPS79927-Q1 Datasheet HTML 2Page - Texas Instruments TPS79927-Q1 Datasheet HTML 3Page - Texas Instruments TPS79927-Q1 Datasheet HTML 4Page - Texas Instruments TPS79927-Q1 Datasheet HTML 5Page - Texas Instruments TPS79927-Q1 Datasheet HTML 6Page - Texas Instruments TPS79927-Q1 Datasheet HTML 7Page - Texas Instruments TPS79927-Q1 Datasheet HTML 8Page - Texas Instruments TPS79927-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS799-Q1
SBVS097F – MARCH 2008 – REVISED JUNE 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
2
Applications ........................................................... 1
8.2
Typical Application .................................................. 11
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 13
4
Revision History..................................................... 2
10
Layout................................................................... 13
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 13
6
Specifications......................................................... 4
10.2
Layout Example .................................................... 14
6.1
Absolute Maximum Ratings ..................................... 4
10.3
Thermal Consideration.......................................... 14
6.2
ESD Ratings.............................................................. 4
10.4
Power Dissipation ................................................. 14
6.3
Recommended Operating Conditions ....................... 4
10.5
Package Mounting ................................................ 14
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 15
6.5
Electrical Characteristics........................................... 5
11.1
Documentation Support ........................................ 15
6.6
Typical Characteristics .............................................. 6
11.2
Related Links ........................................................ 15
7
Detailed Description .............................................. 8
11.3
Trademarks ........................................................... 15
7.1
Overview ................................................................... 8
11.4
Electrostatic Discharge Caution ............................ 15
7.2
Functional Block Diagrams ....................................... 8
11.5
Glossary ................................................................ 15
7.3
Feature Description................................................... 9
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 10
Information ........................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (January 2012) to Revision F
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Added High PSRR: 51 db at 10 kHz ..................................................................................................................................... 1
Changes from Revision D (June 2011) to Revision E
Page
Changed CDM ESD rating from 500 V to 1000 V. ................................................................................................................ 4
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS799-Q1


Similar Part No. - TPS79927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79927 TI-TPS79927 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799275YZUR TI-TPS799275YZUR Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799275YZUR TI-TPS799275YZUR Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799275YZUR TI-TPS799275YZUR Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799275YZUR TI1-TPS799275YZUR Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS79927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com