Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79133DBVREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79133DBVREP
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79133DBVREP Datasheet(HTML) 4 Page - Texas Instruments

  TPS79133DBVREP Datasheet HTML 1Page - Texas Instruments TPS79133DBVREP Datasheet HTML 2Page - Texas Instruments TPS79133DBVREP Datasheet HTML 3Page - Texas Instruments TPS79133DBVREP Datasheet HTML 4Page - Texas Instruments TPS79133DBVREP Datasheet HTML 5Page - Texas Instruments TPS79133DBVREP Datasheet HTML 6Page - Texas Instruments TPS79133DBVREP Datasheet HTML 7Page - Texas Instruments TPS79133DBVREP Datasheet HTML 8Page - Texas Instruments TPS79133DBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ELECTRICAL CHARACTERISTICS
Line regulation (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
Line regulation (mV)
+ % V
V
O
V
Imax *
V
O )
1 V
100
1000
TPS79101-EP, TPS79118-EP
TPS79133-EP, TPS79147-EP
SGLS161A – APRIL 2003 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com
over recommended operating free-air temperature range, (TJ = –40°C to 125°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V,
Co = 10 µF, Co(byp) = 0.01 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C, 1.22 V ≤ VO ≤ 5.2 V
VO
TPS79101
0
µA < I
O < 100 mA
(1), 1.22 V ≤ V
O ≤ 5.2 V
0.98 VO
1.02 VO
TJ = 25°C
1.8
TPS79118
0
µA < I
O < 100 mA, 2.8 V < VI < 5.5 V
1.764
1.836
Output voltage
V
TJ = 25°C
3.3
TPS79133
0
µA < I
O < 100 mA, 4.3 V < VI < 5.5 V
3.234
3.366
TJ = 25°C
4.7
TPS79147
0
µA < I
O < 100 mA, 5.2 V < VI < 5.5 V
4.606
4.794
0
µA < I
O < 100 mA, TJ = 25°C
170
Quiescent current (GND current)
µA
0
µA < I
O < 100 mA
250
Load regulation
0
µA < I
O < 100 mA, TJ = 25°C
5
mV
VO + 1 V < VI ≤ 5.5 V, TJ = 25°C
0.05
Output voltage line regulation (
ΔVO/VO)
(2)
%/V
VO + 1 V < VI ≤ 5.5 V
0.12
C(byp) = 0.001 µF
32
C(byp) = 0.0047 µF
17
BW = 100 Hz to 100 kHz,
Output noise voltage (TPS79118)
µV
RMS
IO = 100 mA, TJ = 25°C
C(byp) = 0.01 µF
16
C(byp) = 0.1 µF
15
C(byp) = 0.001 µF
53
RL 33 Ω, CO = 1 µF,
Time, start-up (TPS79133)
C(byp) = 0.0047 µF
67
µs
TJ = 25°C
C(byp) = 0.01 µF
98
Output current limit
VO = 0 V
(1)
285
600
mA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
TJ = 25°C, VCC rising
100
mV
(1)
The minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. The maximum IN voltage is 5.5 V. The maximum
output current is 100 mA.
(2)
If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 5.5 V:
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 5.5 V:
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS79101-EP TPS79118-EP TPS79133-EP TPS79147-EP


Similar Part No. - TPS79133DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79133DBVREP TI1-TPS79133DBVREP Datasheet
863Kb / 22P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79133DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1_16 Datasheet
902Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101 TI-TPS79101 Datasheet
199Kb / 15P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79230DBVRG4 TI-TPS79230DBVRG4 Datasheet
472Kb / 19P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com