Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79133-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79133-EP
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79133-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS79133-EP Datasheet HTML 1Page - Texas Instruments TPS79133-EP Datasheet HTML 2Page - Texas Instruments TPS79133-EP Datasheet HTML 3Page - Texas Instruments TPS79133-EP Datasheet HTML 4Page - Texas Instruments TPS79133-EP Datasheet HTML 5Page - Texas Instruments TPS79133-EP Datasheet HTML 6Page - Texas Instruments TPS79133-EP Datasheet HTML 7Page - Texas Instruments TPS79133-EP Datasheet HTML 8Page - Texas Instruments TPS79133-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
(3,00 mm x 3,00 mm)
Actual Size
(3,00 mm x 3,00 mm)
Actual Size
1
FEATURES
DESCRIPTION
APPLICATIONS
SUPPORTS DEFENSE, AEROSPACE,
TPS79101-EP, TPS79118-EP
TPS79133-EP, TPS79147-EP
www.ti.com ............................................................................................................................................................ SGLS161A – APRIL 2003 – REVISED JUNE 2008
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA
LOW-DROPOUT LINEAR REGULATORS
2
• 100-mA Low-Dropout Regulator With EN
• Available in 1.8-V, 3.3-V, 4.7-V, and Adjustable
The
TPS791xx
family
of
low-dropout
(LDO)
low-power linear voltage regulators features high
Versions
power supply rejection ratio (PSRR), ultralow noise,
• High PSRR (70 dB at 10 kHz)
fast start-up, and excellent line and load transient
• Ultralow Noise (15 µV
RMS)
responses in a small outline, SOT23, package. Each
• Fast Start-Up Time (63 µs)
device in the family is stable, with a small 1-
µF
ceramic capacitor on the output. The family uses an
• Stable With Any 1-µF Ceramic Capacitor
advanced, proprietary BiCMOS fabrication process to
• Excellent Load/Line Transient
yield extremely low dropout voltages (e.g., 38 mV at
• Very Low Dropout Voltage
100 mA, TPS79147). Each device achieves fast
start-up times (approximately 63
µs with a 0.001-µF
(38 mV at Full Load, TPS79147)
bypass
capacitor)
while
consuming
very
low
• 5-Pin SOT23 (DBV) Package
quiescent current (170
µA typical). Moreover, when
• TPS792xx Provides EN Options
the device is placed in standby mode, the supply
current is reduced to less than 1
µA. The TPS79118
exhibits approximately 15
µV
RMS of output voltage
noise with a 0.1-
µF bypass capacitor. Applications
• VCOs
with analog components that are noise sensitive,
• RF
such as portable RF electronics, benefit from the
• Bluetooth™, Wireless LAN
high-PSRR and low-noise features as well as the fast
response time.
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1)
Custom temperature ranges available
ORDERING INFORMATION(1)
OUTPUT
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VOLTAGE
1.2 to 5.5 V
TPS79101DBVREP
PEUE
1.8 V
TPS79118DBVREP
PERE
–40°C to 125°C
SOT23 (DBV)
Reel of 3000
3.3 V
TPS79133DBVREP
PESE
4.7 V
TPS79147DBVREP
PETE
–55°C to 125°C
3.3 V
SOT23 (DBV)
Reel of 250
TPS79133MDBVTEP
PIDM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a trademark of Bluetooth SIG, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - TPS79133-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79133-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1_16 Datasheet
902Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101 TI-TPS79101 Datasheet
199Kb / 15P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79230DBVRG4 TI-TPS79230DBVRG4 Datasheet
472Kb / 19P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com