Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79921YZUR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79921YZUR
Description  200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79921YZUR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79921YZUR Datasheet HTML 5Page - Texas Instruments TPS79921YZUR Datasheet HTML 6Page - Texas Instruments TPS79921YZUR Datasheet HTML 7Page - Texas Instruments TPS79921YZUR Datasheet HTML 8Page - Texas Instruments TPS79921YZUR Datasheet HTML 9Page - Texas Instruments TPS79921YZUR Datasheet HTML 10Page - Texas Instruments TPS79921YZUR Datasheet HTML 11Page - Texas Instruments TPS79921YZUR Datasheet HTML 12Page - Texas Instruments TPS79921YZUR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
90
80
70
60
50
40
30
20
10
0
0.0
1.0
1.5
0.5
2.0
2.5
V
IN − VOUT (V)
3.0
3.5
4.0
0.1kHz
1kHz
10kHz
100kHz
1MHz
C
NR = 0.01µF
C
OUT = 2.2µF
90
80
70
60
50
40
30
20
10
0
0.0
1.0
1.5
0.5
2.0
2.5
V
IN − VOUT (V)
3.0
3.5
4.0
0.1kHz
100kHz
1kHz
10kHz
1MHz
C
NR = 0.01µF
C
OUT = 2.2µF
90
80
70
60
50
40
30
20
10
0
0.0
1.0
1.5
0.5
2.0
2.5
V
IN − VOUT (V)
3.0
3.5
4.0
0.1kHz
10kHz
1kHz
100kHz
1MHz
C
NR = 0.01µF
C
OUT = 2.2µF
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Frequency (Hz)
100k
1M
10M
I
OUT = 200mA
C
NR = None
C
OUT = 10.0µF
I
OUT = 1mA
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Frequency (Hz)
100k
1M
10M
I
OUT = 1mA
I
OUT = 200mA
C
NR = 0.01µF
C
OUT = 10.0µF
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Frequency (Hz)
100k
1M
10M
I
OUT = 1mA
I
OUT = 200mA
C
NR = 0.01µF
C
OUT = 10.0µF
TPS799
www.ti.com
SBVS056K – JANUARY 2005 – REVISED JANUARY 2015
Typical Characteristics (continued)
Over operating temperature range (TJ= –40°C to 125°C), VIN = VOUT(nom) + 0.3 V or 2.7 V, whichever is greater; IOUT = 1 mA,
VEN = VIN, COUT = 2.2 μF, and CNR = 0.01 μF, unless otherwise noted. For TPS79901, VOUT = 3.0 V. Typical values are at TJ
= 25°C.
Figure 13. TPS799285 Power-Supply Ripple Rejection vs
Figure 14. TPS799285 Power-Supply Ripple Rejection vs
Frequency (VIN – VOUT = 1.0 V)
Frequency (VIN – VOUT = 0.25 V)
Figure 15. TPS799285 Power-Supply Ripple Rejection vs
Figure 16. Power-Supply Ripple Rejection vs VIN – VOUT, IOUT
Frequency (VIN – VOUT = 1.0 V)
= 1 mA
Figure 17. Power-Supply Ripple Rejection vs VIN – VOUT, IOUT
Figure 18. Power-Supply Ripple Rejection vs VIN – VOUT, IOUT
= 100 mA
= 200 mA
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS799


Similar Part No. - TPS79921YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79921YZUR TI-TPS79921YZUR Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79921YZUR TI-TPS79921YZUR Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79921YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
[Old version datasheet]   TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com