Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79925DDCRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS79925DDCRG4
Description  200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79925DDCRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79925DDCRG4 Datasheet HTML 6Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 9Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 10Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 11Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 12Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 13Page - Texas Instruments TPS79925DDCRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10 s/div
m
1V/div
4V/div
V
OUT
V
IN
0V
3.85V
R
W
LOAD =19
C
=10 F
OUT
m
R
W
LOAD =19
C
=2.2 F
OUT
m
10 s/div
m
1V/div
5V/div
V
OUT
V
EN
R
W
LOAD =19
C
=2.2 F
OUT
m
R
W
LOAD =19
C
=10 F
OUT
m
V
=3.85V
IN
20 s/div
m
100mV/div
100mV/div
100mA/div
V
OUT
V
OUT
I
OUT
C
=2.2 F
OUT
m
C
=10 F
OUT
m
V
=3.35V
IN
150mA
1mA
20
µs/div
20mV/div
20mV/div
1V/div
V
OUT
V
OUT
V
IN
I
OUT = 150mA
dV
IN
dt
= 1V/
µs
C
OUT = 10µF
C
OUT = 2.2µF
3.15V
4.15V
200
180
160
140
120
100
80
60
40
20
0
0.01
0.1
1
C
NR (nF)
10
I
OUT = 1mA
C
OUT = 2.2µF
35
30
25
20
15
10
5
0
0
5
10
15
20
C
OUT (µF)
25
I
OUT = 1mA
C
NR = 0.01µF
TPS799
SBVS056K – JANUARY 2005 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
Over operating temperature range (TJ= –40°C to 125°C), VIN = VOUT(nom) + 0.3 V or 2.7 V, whichever is greater; IOUT = 1 mA,
VEN = VIN, COUT = 2.2 μF, and CNR = 0.01 μF, unless otherwise noted. For TPS79901, VOUT = 3.0 V. Typical values are at TJ
= 25°C.
Figure 19. TPS799285 Total Noise vs CNR
Figure 20. TPS799285 Total Noise vs COUT
Figure 21. TPS799285 Line Transient Response
Figure 22. TPS799285 Load Transient Response
Figure 23. TPS799285 Turn-On Response (VEN = VIN)
Figure 24. TPS799285 Enable Response
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS799


Similar Part No. - TPS79925DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCRG4 TI-TPS79925DDCRG4 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79925DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
[Old version datasheet]   TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com