Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82692SIPT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82692SIPT
Description  High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82692SIPT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS82692SIPT Datasheet HTML 5Page - Texas Instruments TPS82692SIPT Datasheet HTML 6Page - Texas Instruments TPS82692SIPT Datasheet HTML 7Page - Texas Instruments TPS82692SIPT Datasheet HTML 8Page - Texas Instruments TPS82692SIPT Datasheet HTML 9Page - Texas Instruments TPS82692SIPT Datasheet HTML 10Page - Texas Instruments TPS82692SIPT Datasheet HTML 11Page - Texas Instruments TPS82692SIPT Datasheet HTML 12Page - Texas Instruments TPS82692SIPT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TPS82692, TPS82693, TPS826951
TPS82697, TPS82698
www.ti.com
SLVSBF8C – MARCH 2013 – REVISED MAY 2015
7.6 Typical Characteristics
Table 3. Table Of Graphs
FIGURE
Figure 1, Figure 2,
vs Load current (TPS82699 VOUT = 3.2V)
Figure 3
Figure 4, Figure 5,
vs Load current (TPS82693 VOUT = 2.85V)
Figure 6
vs Load current (TPS82697 VOUT = 2.8V)
Figure 7, Figure 8
η
Efficiency
vs Load current (TPS826951 VOUT = 2.5V)
Figure 9, Figure 10
vs Load current (TPS82698 VOUT = 3.0V)
Figure 11, Figure 12
vs Input Voltage (TPS82699 VOUT = 3.2V)
Figure 15
vs Input Voltage (TPS82692 VOUT = 2.2V)
Figure 41, Figure 42
Peak-to-peak output ripple voltage
vs Load current (TPS82699 VOUT = 3.2V)
Figure 16, Figure 17
vs Load Current (TPS82699 VOUT = 3.2V)
Figure 18
VO
DC output voltage
vs Load Current (TPS82693 VOUT = 2.85V)
Figure 19, Figure 20
Figure 28, Figure 29,
Load transient response
TPS82699 VOUT = 3.2V
Figure 30
TPS826951 VOUT = 2.5V
Figure 31, Figure 32
Figure 33, Figure 34,
AC load transient response
TPS82699 VOUT = 3.2V
Figure 35, Figure 36
Figure 37, Figure 38,
TPS826951 VOUT = 2.5V
Figure 39, Figure 40
Figure 41, Figure 42,
TPS82698 VOUT = 3.0V
Figure 43
PFM/PWM boundaries
vs Input voltage (TPS82699 VOUT = 3.2V)
Figure 21
IQ
Quiescent current
vs Input voltage
Figure 22
fs
PWM switching frequency
vs Input voltage (TPS82699 VOUT = 3.2V)
Figure 23
Start-up
Figure 24, Figure 25
(TPS82699 VOUT = 3.2V)
Shut-Down
Figure 26
Figure 1. TPS82699 Efficiency vs Load Current
Figure 2. TPS82699 Efficiency vs Load Current
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS82692 TPS82693 TPS826951 TPS82697 TPS82698


Similar Part No. - TPS82692SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
More results

Similar Description - TPS82692SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com