Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79928YZUR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79928YZUR
Description  200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79928YZUR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79928YZUR Datasheet HTML 2Page - Texas Instruments TPS79928YZUR Datasheet HTML 3Page - Texas Instruments TPS79928YZUR Datasheet HTML 4Page - Texas Instruments TPS79928YZUR Datasheet HTML 5Page - Texas Instruments TPS79928YZUR Datasheet HTML 6Page - Texas Instruments TPS79928YZUR Datasheet HTML 7Page - Texas Instruments TPS79928YZUR Datasheet HTML 8Page - Texas Instruments TPS79928YZUR Datasheet HTML 9Page - Texas Instruments TPS79928YZUR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TPS799
SBVS056K – JANUARY 2005 – REVISED JANUARY 2015
www.ti.com
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.3 V or 2.7 V, whichever is greater; IOUT = 1 mA,
VEN = VIN, COUT = 2.2 μF, CNR = 0.01 μF, unless otherwise noted. For TPS79901, VOUT = 3.0 V. Typical values are at TJ =
25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
6.5
V
VFB
Internal reference (TPS79901)
1.169
1.193
1.217
V
VOUT
Output voltage range (TPS79901)
VFB
6.5 – VDO
V
Output accuracy, nominal
TJ = 25°C
–1%
1%
VOUT
Output accuracy(1)
VOUT + 0.3 V ≤ VIN ≤ 6.5 V
–2%
±1%
2%
Over VIN, IOUT, temperature
500
μA ≤ IOUT ≤ 200 mA
ΔVO(ΔVI)
Line regulation(1)
VOUT(NOM) + 0.3 V ≤ VIN ≤ 6.5 V
0.02
%/V
ΔVO(ΔIO)
Load regulation
500
μA ≤ IOUT ≤ 200 mA
0.002
%/mA
VOUT(nom) ≤ 3.3 V
100
175
mV
Dropout voltage(2)
VDO
IOUT = 200 mA
(VIN = VOUT(nom) – 0.1 V)
VOUT(nom) ≥ 3.3 V
90
160
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
220
400
600
mA
IGND
Ground pin current
500
μA ≤ IOUT ≤ 200 mA
40
60
μA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4 V, 2.7 V ≤ VIN ≤ 6.5 V
0.15
1
μA
IFB
Feedback pin current (TPS79901)
–0.5
0.5
µA
f = 100 Hz
70
dB
VIN = 3.85 V,
f = 1 kHz
66
dB
VOUT = 2.85 V,
PSRR
Power-supply rejection ratio
CNR = 0.01 μF,
f = 10 kHz
51
dB
IOUT = 100 mA
f = 100 kHz
38
dB
CNR = 0.01 μF
10.5 × VOUT
μVRMS
BW = 10 Hz to 100 kHz,
Vn
Output noise voltage
VOUT = 2.85 V
CNR = none
94 × VOUT
μVRMS
CNR = 0.001 μF
45
μs
VOUT = 2.85 V,
CNR = 0.047 μF
45
μs
Start-up time
RL = 14 Ω,
CNR = 0.01 μF
50
μs
COUT = 2.2 μF
CNR = none
50
μs
VEN(HI)
Enable high (enabled)
1.2
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.4
V
IEN(HI)
Enable pin current, enabled
VEN = VIN = 6.5 V
0.03
1
μA
Shutdown, temperature increasing
165
°C
Tsd
Thermal shutdown temperature
Reset, temperature decreasing
145
°C
TJ
Operating junction temperature
–40
125
°C
Undervoltage lockout
VIN rising
1.90
2.20
2.65
V
UVLO
Hysteresis
VIN falling
70
mV
(1)
Minimum VIN = VOUT + VDO or 2.7 V, whichever is greater.
(2)
VDO is not measured for devices with VOUT(nom) < 2.8 V because minimum VIN = 2.7 V.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS799


Similar Part No. - TPS79928YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79928YZUR TI-TPS79928YZUR Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928YZUR TI-TPS79928YZUR Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928YZUR TI-TPS79928YZUR Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928YZUR TI-TPS79928YZUR Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928YZUR TI-TPS79928YZUR Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79928YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
[Old version datasheet]   TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com