Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5191HRTNG-XTP Datasheet(PDF) 3 Page - ON Semiconductor

Part # A5191HRTNG-XTP
Description  HART Modem
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

A5191HRTNG-XTP Datasheet(HTML) 3 Page - ON Semiconductor

  A5191HRTNG-XTP Datasheet HTML 1Page - ON Semiconductor A5191HRTNG-XTP Datasheet HTML 2Page - ON Semiconductor A5191HRTNG-XTP Datasheet HTML 3Page - ON Semiconductor A5191HRTNG-XTP Datasheet HTML 4Page - ON Semiconductor A5191HRTNG-XTP Datasheet HTML 5Page - ON Semiconductor A5191HRTNG-XTP Datasheet HTML 6Page - ON Semiconductor A5191HRTNG-XTP Datasheet HTML 7Page - ON Semiconductor A5191HRTNG-XTP Datasheet HTML 8Page - ON Semiconductor A5191HRTNG-XTP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A5191HRT
www.onsemi.com
3
Table 2. DC CHARACTERISTICS (VDD = 3.0 V to 5.5 V, VSS = 0 V, TA = −40°C to +85°C)
Symbol
Parameter
VDD
Min
Typ
Max
Units
VIL
Input Voltage, Low
3.0 – 5.5 V
0.3 * VDD
V
VIH
Input Voltage, High
3.0 – 5.5 V
0.7 * VDD
V
VOL
Output Voltage, Low (IOL = 0.67 mA)
3.0 – 5.5 V
0.4
V
VOH
Output Voltage, High (IOH = −0.67 mA)
3.0 – 5.5 V
2.4
V
CIN
Input Capacitance of:
Analog Input
RXA
Digital Input
2.9
25
3.5
pF
pF
pF
IIL/IIH
Input Leakage Current
±500
nA
IOLL
Output Leakage Current
±10
mA
IDDA
Power Supply Current
(RBIAS = 500 k
W, AREF = 1.235 V)
3.3 V
5.0 V
150
150
330
300
450
600
mA
mA
IDDD
Dynamic Digital Current
5.0 V
25
200
mA
AREF
Analog Reference
3.3 V
5.0 V
1.2
1.235
2.5
2.6
V
V
CDREF
(Note 3)
Carrier Detect Reference (AREF – 0.08 V)
3.3 V
5.0 V
1.15
2.42
V
CBIAS
Comparator Bias Current
(RBIAS = 500 k
W, AREF = 1.235 V)
2.5
mA
3. The HART specification requires carrier detect (CD) to be active between 80 and 120 mVp−p. Setting CDREF at AREF − 0.08 VDC will set
the carrier detect to a nominal 100 mVp−p.
Table 3. AC CHARACTERISTICS (VDD = 3.0 V to 5.5 V, VSS = 0 V, TA = −40°C to +85°C) (Note 4)
Pin Name
Description
Min
Typ
Max
Units
RxA
Receive analog input
Leakage current
Frequency – mark (logic 1)
Frequency – space (logic 0)
1190
2180
1200
2200
±150
1210
2220
nA
Hz
Hz
RxAF
Output of the high−pass filter
Slew rate
Gain bandwidth (GBW)
Voltage range
150
0.15
0.025
VDD – 0.15
V/
ms
kHz
V
RxAFI
Carrier detect and receive filter input
Leakage current
±500
nA
TxA
Modulator output
Frequency – mark (logic 1)
Frequency – space (logic 0)
Amplitude (AREF 1.235 V)
Slew Rate − mark (logic 1)
Slew Rate − space (logic 0)
Loading (AREF = 1.235 V)
30
1196.9
2194.3
500
1860
3300
Hz
Hz
mV
V/s
V/s
k
W
RxD
Receive digital output
Rise/fall time
20
ns
CD
Carrier detect output
Rise/fall time
20
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. The modular output frequencies are proportional to the input clock frequency (460.8 kHz).


Similar Part No. - A5191HRTNG-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRTNG-XTP ONSEMI-A5191HRTNG-XTP Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
More results

Similar Description - A5191HRTNG-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com