Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 7 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 3Page - ON Semiconductor AR0141CS Datasheet HTML 4Page - ON Semiconductor AR0141CS Datasheet HTML 5Page - ON Semiconductor AR0141CS Datasheet HTML 6Page - ON Semiconductor AR0141CS Datasheet HTML 7Page - ON Semiconductor AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
7
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
.Functional Overview
Figure 4:
9 x 9 mm 63-Ball IBGA Package
Table 3:
Ball Descriptions, 9 x 9 mm, 63-ball iBGA
Name
iBGA Pin
Type
Description
SLVS0_N
A2
Output
HiSPi serial data, lane 0, differential N.
SLVS0_P
A3
Output
HiSPi serial data, lane 0, differential P.
SLVS1_N
A4
Output
HiSPi serial data, lane 1, differential N.
SLVS1_P
A5
Output
HiSPi serial data, lane 1, differential P.
STANDBY
A8
Input
STANDBY (active high)
VDD_PLL
B1
Power
PLL power.
SLVSC_N
B2
Output
HiSPi serial DDR clock differential N.
SLVSC_P
B3
Output
HiSPi serial DDR clock differential P.
SLVS2_N
B4
Output
HiSPi serial data, lane 2, differential N.
SLVS2_P
B5
Output
HiSPi serial data, lane 2, differential P.
VAA
B7, B8
Power
Analog power.
EXTCLK
C1
Input
External input clock.
VDD_SLVS
C2
Power
0.3V-0.6V or 1.7V - 1.9V port to HiSPi Output Driver. Set the High_VCM
(R0x306E[9]) bit to 1 when configuring VDD_SLVS to 1.7 – 1.9V.
SLVS3_N
C3
Output
HiSPi serial data, lane 3, differential N.
SLVS3_P
C4
Output
HiSPi serial data, lane 3, differential P.
A
B
C
D
E
F
G
H
Top View
(Ball Down)
SLVS0_N
SLVS0_P
SLVS1_N
SLVS1_P
VDD
STANDBY
VDD_PLL
SLVS_CN
SLVSC_P
SLVS2_N
SLVS2_P
VDD
VAA
VAA
EXTCLK
VDD_
SLVS
SLVS3_N
SLVS3_P
DGND
VDD
AGND
SADDR
SCLK
SDATA
DGND
DGND
VDD
VAA_PIX
VAA_PIX
LINE_
VALID
FRAME_
VALID
PIXCLK
FLASH
DGND
VDD_IO
NC
DOUT8
DOUT9DOUT10
DOUT11
DGND
VDD_IO
TEST
DOUT4DOUT5DOUT6DOUT7DGND
VDD_IO
TRIGGER
OE_BAR
DOUT0DOUT1DOUT2DOUT3DGND
VDD_IO
VDD_IO
RESET_
BAR
1
2
3
567
8
4
VDD
AGND
NC
Reserved


Similar Part No. - AR0141CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0141CS ONSEMI-AR0141CS Datasheet
733Kb / 48P
   1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
AR0141CS2C00SUEA0-DP ONSEMI-AR0141CS2C00SUEA0-DP Datasheet
1Mb / 63P
   Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0141CS2C00SUEA0-DP ONSEMI-AR0141CS2C00SUEA0-DP Datasheet
733Kb / 48P
   1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
AR0141CS2C00SUEA0-DR ONSEMI-AR0141CS2C00SUEA0-DR Datasheet
1Mb / 63P
   Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0141CS2C00SUEA0-DR ONSEMI-AR0141CS2C00SUEA0-DR Datasheet
733Kb / 48P
   1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
More results

Similar Description - AR0141CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
AR0141 ONSEMI-AR0141 Datasheet
1Mb / 63P
   Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0141CS ONSEMI-AR0141CS_17 Datasheet
733Kb / 48P
   1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
logo
Micron Technology
MT9V011 MICRON-MT9V011 Datasheet
537Kb / 33P
   1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com