Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSC00SUEA0-DPBR1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0134CSSC00SUEA0-DPBR1
Description  1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEA0-DPBR1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 5Page - ON Semiconductor AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 6Page - ON Semiconductor AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 7Page - ON Semiconductor AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 8Page - ON Semiconductor AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 9Page - ON Semiconductor AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 10Page - ON Semiconductor AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 11Page - ON Semiconductor AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 12Page - ON Semiconductor AR0134CSSC00SUEA0-DPBR1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
AR0134CS/D Rev. 8, Pub. 1/16 EN
9
©Semiconductor Components Industries, LLC,2016.
AR0134CS: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Configuration and Pinout
Figure 5:
Typical Configuration: Parallel Pixel Data Interface
Notes:
1. All power supplies must be adequately decoupled.
2. ON Semiconductor recommends a resistor value of 1.5k, but it may be greater for slower two-wire
speed.
3. This pull-up resistor is not required if the controller drives a valid logic level on SCLK at all times.
4. The serial interface output pads can be left unconnected if the parallel output interface is used.
5. ON Semiconductor recommends that 0.1μF and 10μF decoupling capacitors for each power supply
are mounted as close as possible to the pad. Actual values and results may vary depending on lay-
out and design considerations. Refer to the AR0134 demo headboard schematics for circuit recom-
mendations.
6. ON Semiconductor recommends that analog power planes be placed in a manner such that cou-
pling with the digital power planes is minimized.
VDD
Master clock
(6–50 MHz)
SDATA
SCLK
TEST
FLASH
FRAME_VALID
DOUT [11:0]
EXTCLK
DGND
Digital
ground
Analog
ground
Digital
core
power1
To
controller
From
Controller
LINE_VALID
PIXCLK
RESET_BAR
VDD_IO
Digital
I/O
power1
VAA
VAA_PIX
Analog
power1
VDD_PLL
PLL
power1
Analog
power1
VAA_PIX
VDD_IO
VDD_PLL
VDD
VAA
TRIGGER
OE_BAR
STANDBY
AGND


Similar Part No. - AR0134CSSC00SUEA0-DPBR1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSC00SUEA0-DPBR ONSEMI-AR0134CSSC00SUEA0-DPBR Datasheet
1Mb / 41P
   Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
More results

Similar Description - AR0134CSSC00SUEA0-DPBR1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
AR0134 ONSEMI-AR0134 Datasheet
1Mb / 41P
   Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9J003 ONSEMI-MT9J003_16 Datasheet
1Mb / 77P
   1/2.3-Inch 10 Mp CMOS Digital Image Sensor
Rev. E 5/15 EN
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com