Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0130CSSC00SPCAH-S115 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0130CSSC00SPCAH-S115
Description  1/3-Inch CMOS Digital Image Sensor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPCAH-S115 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0130CSSC00SPCAH-S115 Datasheet HTML 5Page - ON Semiconductor AR0130CSSC00SPCAH-S115 Datasheet HTML 6Page - ON Semiconductor AR0130CSSC00SPCAH-S115 Datasheet HTML 7Page - ON Semiconductor AR0130CSSC00SPCAH-S115 Datasheet HTML 8Page - ON Semiconductor AR0130CSSC00SPCAH-S115 Datasheet HTML 9Page - ON Semiconductor AR0130CSSC00SPCAH-S115 Datasheet HTML 10Page - ON Semiconductor AR0130CSSC00SPCAH-S115 Datasheet HTML 11Page - ON Semiconductor AR0130CSSC00SPCAH-S115 Datasheet HTML 12Page - ON Semiconductor AR0130CSSC00SPCAH-S115 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
9
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
The AR0130 pixel array is configured as 1412 columns by 1028 rows, (see Figure 5). The
dark pixels are optically black and are used internally to monitor black level. Of the right
108 columns, 64 are dark pixels used for row noise correction. Of the top 24 rows of
pixels, 12 of the dark rows are used for black level correction. There are 1296 columns by
976 rows of optically active pixels. While the sensor's format is 1280 x 960, the additional
active columns and active rows are included for use when horizontal or vertical mirrored
readout is enabled, to allow readout to start on the same pixel. The pixel adjustment is
always performed for monochrome or color versions. The active area is surrounded with
optically transparent dummy pixels to improve image uniformity within the active area.
Not all dummy pixels or barrier pixels can be read out.
Figure 5:
Pixel Array Description
2 light dummy + 4 barrier + 24 dark + 4 barrier + 6 dark dummy
Dark pixel
Barrier pixel
Light dummy
pixel
Active pixel
2 light dummy + 4 barrier + 6 dark dummy
1412
2 light dummy + 4 barrier
2 light dummy + 4 barrier + 100 dark + 4 barrier
1028
1296 x 976 (1288 x 968 active)
4.86 x 3.66 mm2 (4.83 x 3.63 mm2)


Similar Part No. - AR0130CSSC00SPCAH-S115

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0130CSSC00SPCAH-GEVB ONSEMI-AR0130CSSC00SPCAH-GEVB Datasheet
389Kb / 39P
   1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
More results

Similar Description - AR0130CSSC00SPCAH-S115

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com