Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSC00SUEAH-GEVB Datasheet(PDF) 4 Page - ON Semiconductor

Part # AR0134CSSC00SUEAH-GEVB
Description  1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEAH-GEVB Datasheet(HTML) 4 Page - ON Semiconductor

  AR0134CSSC00SUEAH-GEVB Datasheet HTML 1Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 2Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 3Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 4Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 5Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 6Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 7Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 8Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
AR0134CS/D Rev. 8, Pub. 1/16 EN
4
©Semiconductor Components Industries, LLC,2016.
AR0134CS: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
General Description
General Description
The ON Semiconductor AR0134 can be operated in its default mode or programmed for
frame size, exposure, gain, and other parameters. The default mode output is a full-reso-
lution image at 54 frames per second (fps). It outputs 12-bit raw data, using either the
parallel or serial (HiSPi) output ports. The device may be operated in video (master)
mode or in frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a
synchronized pixel clock. A dedicated FLASH pin can be programmed to control
external LED or flash exposure illumination.
The AR0134 includes additional features to allow application-specific tuning:
windowing, adjustable auto-exposure control, auto black level correction, on-board
temperature sensor, and row skip and digital binning modes.
The sensor is designed to operate in a wide temperature range (–30°C to +70°C).
Functional Overview
The AR0134 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be optionally
enabled to generate all internal clocks from a single master input clock running between
6 and 50 MHz. The maximum output pixel rate is 74.25 Mp/s, corresponding to a clock
rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor.
Figure 1:
Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 1.2 Mp Active- Pixel Sensor array. The AR0134 features global shutter tech-
nology for accurate capture of moving images. The exposure of the entire array is
controlled by programming the integration time by register setting. All rows simultane-
ously integrate light prior to readout. Once a row has been read, the data from the
columns is sequenced through an analog signal chain (providing offset correction and
gain), and then through an analog-to- digital converter (ADC). The output from the ADC
is a 12-bit value for each pixel in the array. The ADC output passes through a digital
Control Registers
Active Pixel Sensor
(APS)
Array
PLL
Memory
OTPM
Temperature
sensor
Timing and Control
(Sequencer)
Analog Processing and
A/D Conversion
Auto Exposure
and Stats Engine
Pixel Data Path
(Signal Processing)
External
Clock
Serial
Output
Flash
Parallel
Output
Two-Wire
Serial
Interface
Trigger
Power


Similar Part No. - AR0134CSSC00SUEAH-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSC00SUEAH-GEVB ONSEMI-AR0134CSSC00SUEAH-GEVB Datasheet
1Mb / 41P
   Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
More results

Similar Description - AR0134CSSC00SUEAH-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
AR0134 ONSEMI-AR0134 Datasheet
1Mb / 41P
   Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9J003 ONSEMI-MT9J003_16 Datasheet
1Mb / 77P
   1/2.3-Inch 10 Mp CMOS Digital Image Sensor
Rev. E 5/15 EN
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com