Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0130CSSM00SPCAD-S213A Datasheet(PDF) 6 Page - ON Semiconductor

Part # AR0130CSSM00SPCAD-S213A
Description  1/3-Inch CMOS Digital Image Sensor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSM00SPCAD-S213A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AR0130CSSM00SPCAD-S213A Datasheet HTML 2Page - ON Semiconductor AR0130CSSM00SPCAD-S213A Datasheet HTML 3Page - ON Semiconductor AR0130CSSM00SPCAD-S213A Datasheet HTML 4Page - ON Semiconductor AR0130CSSM00SPCAD-S213A Datasheet HTML 5Page - ON Semiconductor AR0130CSSM00SPCAD-S213A Datasheet HTML 6Page - ON Semiconductor AR0130CSSM00SPCAD-S213A Datasheet HTML 7Page - ON Semiconductor AR0130CSSM00SPCAD-S213A Datasheet HTML 8Page - ON Semiconductor AR0130CSSM00SPCAD-S213A Datasheet HTML 9Page - ON Semiconductor AR0130CSSM00SPCAD-S213A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
6
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Functional Overview
Table 3:
Pad Descriptions
Name
Type
Description
STANDBY
Input
Standby-mode enable pin (active HIGH).
VDD_PLL
Power
PLL power.
VAA
Power
Analog power.
EXTCLK
Input
External input clock.
VDD_SLVS
Power
Digital power (do not connect).
DGND
Power
Digital ground.
VDD
Power
Digital power.
AGND
Power
Analog ground.
SADDR
Input
Two-Wire Serial Interface address select.
SCLK
Input
Two-Wire Serial Interface clock input.
SDATA
I/O
Two-Wire Serial Interface data I/O.
VAA_PIX
Power
Pixel power.
LINE_VALID
Output
Asserted when DOUT line data is valid.
FRAME_VALID
Output
Asserted when DOUT frame data is valid.
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
VDD_IO
Power
I/O supply power.
DOUT8
Output
Parallel pixel data output.
DOUT9
Output
Parallel pixel data output.
DOUT10
Output
Parallel pixel data output.
DOUT11
Output
Parallel pixel data output (MSB)
Reserved
Input
Connect to DGND.
DOUT4
Output
Parallel pixel data output.
DOUT5
Output
Parallel pixel data output.
DOUT6
Output
Parallel pixel data output.
DOUT7
Output
Parallel pixel data output.
TRIGGER
Input
Exposure synchronization input.
OE_BAR
Input
Output enable (active LOW).
DOUT0
Output
Parallel pixel data output (LSB)
DOUT1
Output
Parallel pixel data output.
DOUT2
Output
Parallel pixel data output.
DOUT3
Output
Parallel pixel data output.
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory default.
FLASH
Output
Flash control output.
NC
Input
Do not connect.


Similar Part No. - AR0130CSSM00SPCAD-S213A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0130CSSC00SPBA0-DP ONSEMI-AR0130CSSC00SPBA0-DP Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0130CSSC00SPBA0-DP1 ONSEMI-AR0130CSSC00SPBA0-DP1 Datasheet
389Kb / 39P
   1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0130CSSC00SPBA0-DR ONSEMI-AR0130CSSC00SPBA0-DR Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0130CSSC00SPBA0-DR1 ONSEMI-AR0130CSSC00SPBA0-DR1 Datasheet
389Kb / 39P
   1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0130CSSC00SPCA0-DPBR ONSEMI-AR0130CSSC00SPCA0-DPBR Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
More results

Similar Description - AR0130CSSM00SPCAD-S213A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com