Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSM00SPCA0-TRBR Datasheet(PDF) 6 Page - ON Semiconductor

Part # AR0134CSSM00SPCA0-TRBR
Description  1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SPCA0-TRBR Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AR0134CSSM00SPCA0-TRBR Datasheet HTML 2Page - ON Semiconductor AR0134CSSM00SPCA0-TRBR Datasheet HTML 3Page - ON Semiconductor AR0134CSSM00SPCA0-TRBR Datasheet HTML 4Page - ON Semiconductor AR0134CSSM00SPCA0-TRBR Datasheet HTML 5Page - ON Semiconductor AR0134CSSM00SPCA0-TRBR Datasheet HTML 6Page - ON Semiconductor AR0134CSSM00SPCA0-TRBR Datasheet HTML 7Page - ON Semiconductor AR0134CSSM00SPCA0-TRBR Datasheet HTML 8Page - ON Semiconductor AR0134CSSM00SPCA0-TRBR Datasheet HTML 9Page - ON Semiconductor AR0134CSSM00SPCA0-TRBR Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
AR0134CS/D Rev. 8, Pub. 1/16 EN
6
©Semiconductor Components Industries, LLC,2016.
AR0134CS: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
The AR0134 pixel array is configured as 1412 columns by 1028 rows, (see Figure 2). The
dark pixels are optically black and are used internally to monitor black level. Of the right
108 columns, 64 are dark pixels used for row noise correction. Of the top 24 rows of
pixels, 12 of the dark rows are used for black level correction. There are 1296 columns by
976 rows of optically active pixels. While the sensor's format is 1280 x 960, the additional
active columns and active rows are included for use when horizontal or vertical mirrored
readout is enabled, to allow readout to start on the same pixel. The pixel adjustment is
always performed for monochrome or color versions. The active area is surrounded with
optically transparent dummy pixels to improve image uniformity within the active area.
Not all dummy pixels or barrier pixels can be read out.
Figure 2:
Pixel Array Description
2 light dummy + 4 barrier + 24 dark + 4 barrier + 6 dark dummy
Dark pixel
Barrier pixel
Light dummy
pixel
Active pixel
2 light dummy + 4 barrier + 6 dark dummy
1412
2 light dummy + 4 barrier
2 light dummy + 4 barrier + 100 dark + 4 barrier
1028
1296 x 976 (1288 x 968 active)
4.86 x 3.66 mm2 (4.83 x 3.63 mm2)


Similar Part No. - AR0134CSSM00SPCA0-TRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSM00SPCA0-TRBR ONSEMI-AR0134CSSM00SPCA0-TRBR Datasheet
1Mb / 41P
   Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
More results

Similar Description - AR0134CSSM00SPCA0-TRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
   1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
AR0134 ONSEMI-AR0134 Datasheet
1Mb / 41P
   Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9J003 ONSEMI-MT9J003_16 Datasheet
1Mb / 77P
   1/2.3-Inch 10 Mp CMOS Digital Image Sensor
Rev. E 5/15 EN
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com