Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7A403600B Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K7A403600B
Description  128Kx36/x32 & 256Kx18 Synchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A403600B Datasheet(HTML) 3 Page - Samsung semiconductor

  K7A403600B Datasheet HTML 1Page - Samsung semiconductor K7A403600B Datasheet HTML 2Page - Samsung semiconductor K7A403600B Datasheet HTML 3Page - Samsung semiconductor K7A403600B Datasheet HTML 4Page - Samsung semiconductor K7A403600B Datasheet HTML 5Page - Samsung semiconductor K7A403600B Datasheet HTML 6Page - Samsung semiconductor K7A403600B Datasheet HTML 7Page - Samsung semiconductor K7A403600B Datasheet HTML 8Page - Samsung semiconductor K7A403600B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
K7A401800B
128Kx36/x32 & 256Kx18 Synchronous SRAM
- 3 -
Rev 1.0
Nov 2001
K7A403200B
K7A403600B
128Kx36 & 128Kx32 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
The K7A403600B, K7A403200B and K7A401800B are
4,718,592-bit Synchronous Static Random Access Memory
designed for high performance second level cache of Pen-
tium and Power PC based System.
It is organized as 128K(256K) words of 36(18) bits and inte-
grates address and control registers, a 2-bit burst address
counter and added some new functions for high perfor-
mance cache RAM applications; GW, BW, LBO, ZZ. Write
cycles are internally self-timed and synchronous.
Full bus-width write is done by GW, and each byte write is
performed by the combination of WEx and BW when GW is
high. And with CS1 high, ADSP is blocked to control signals.
Burst cycle can be initiated with either the address status
processor(ADSP) or address status cache controller(ADSC)
inputs. Subsequent burst addresses are generated inter-
nally in the system
′s burst sequence and are controlled by
the burst address advance(ADV) input.
LBO pin is DC operated and determines burst sequence(lin-
ear or interleaved).
ZZ pin controls Power Down State and reduces Stand-by
current regardless of CLK.
The K7A403600B, K7A403200B and K7A401800B are fab-
ricated using SAMSUNG
′s high performance CMOS tech-
nology and is available in a 100pin TQFP package. Multiple
power and ground pins are utilized to minimize ground
bounce.
GENERAL DESCRIPTION
FEATURES
LOGIC BLOCK DIAGRAM
• Synchronous Operation.
• 2 Stage Pipelined operation with 4 Burst.
• On-Chip Address Counter.
• Self-Timed Write Cycle.
• On-Chip Address and Control Registers.
• VDD= 3.3V+0.3V/-0.165V Power Supply.
• VDDQ Supply Voltage 3.3V+0.3V/-0.165V for 3.3V I/O
or 2.5V+0.4V/-0.125V for 2.5V I/O.
• 5V Tolerant Inputs Except I/O Pins.
• Byte Writable Function.
• Global Write Enable Controls a full bus-width write.
• Power Down State via ZZ Signal.
• LBO Pin allows a choice of either a interleaved burst or a linear
burst.
• Three Chip Enables for simple depth expansion with No Data Cont-
nention ; 2cycle Enable, 1cycle Disable.
• Asynchronous Output Enable Control.
• ADSP, ADSC, ADV Burst Control Pins.
• TTL-Level Three-State Output.
• 100-TQFP-1420A .
• Operating in commeical and industrial temperature range.
CLK
LBO
ADV
ADSC
ADSP
CS1
CS2
CS2
GW
BW
WEx
OE
ZZ
DQa0 ~ DQd7
BURST CONTROL
LOGIC
BURST
128Kx36/32 , 256Kx18
ADDRESS
CONTROL
OUTPUT
DATA-IN
ADDRESS
COUNTER
MEMORY
ARRAY
REGISTER
REGISTER
BUFFER
LOGIC
A
′0~A′1
A0~A1
or A2~A17
A0~A16
REGISTER
DQPa ~ DQPd
or A0~A17
A2~A16
(x=a,b,c,d or a,b)
or DQa0 ~ DQb7
DQPa ~ DQPb
36/32 or 18
FAST ACCESS TIMES
PARAMETER
Symbol
-16
-14
Unit
Cycle Time
tCYC
6.0
7.2
ns
Clock Access Time
tCD
3.5
4.0
ns
Output Enable Access Time
tOE
3.5
4.0
ns


Similar Part No. - K7A403600B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A403600B SAMSUNG-K7A403600B Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
More results

Similar Description - K7A403600B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
   128Kx36 & 256Kx18 Synchronous SRAM
KM736FV4021 SAMSUNG-KM736FV4021 Datasheet
350Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403623B SAMSUNG-K7P403623B Datasheet
315Kb / 13P
   128Kx36 & 256Kx18 SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com