Electronic Components Datasheet Search |
|
KAC-12040 Datasheet(PDF) 2 Page - ON Semiconductor |
|
KAC-12040 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 41 page KAC−12040 www.onsemi.com 2 The image sensor has a pre-configured QFHD (4 × 1080p, 16:9) video mode, fully programmable, multiple ROI for windowing, programmable sub-sampling, and reverse readout (flip and mirror). The two ADCs can be configured for 8-bit, 10-bit, 12-bit or 14-bit conversion and output. Additional features include interspersed video streams (dual-video), on-chip responsivity calibration, black clamping, overflow pixel for blooming reduction, black-sun correction (anti-eclipse), column and row noise correction, and integrated timing generation with SPI control, 4:1 and 9:1 averaging decimation modes. ORDERING INFORMATION Table 2. ORDERING INFORMATION − KAC−12040 IMAGE SENSOR Part Number Description Marking Code KAC−12040−ABA−JD−BA Monochrome, Micro-PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Standard Grade. KAC−12040−ABA Serial Number KAC−12040−ABA−JD−AE Monochrome, Micro-PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Engineering Grade. KAC−12040−CBA−JD−BA Bayer (RGB) Color Filter Pattern, Micro-PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Standard Grade. KAC−12040−CBA Serial Number KAC−12040−CBA−JD−AE Bayer (RGB) Color Filter Pattern, Micro-PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Engineering Grade. 1. Engineering Grade samples might not meet final production testing limits, especially for cosmetic defects such as clusters, but also possibly column and row artifacts. Overall performance is representative of final production parts. Table 3. ORDERING INFORMATION − EVALUATION SUPPORT Part Number Description KAC−12040−CB−A−GEVK Evaluation Hardware for KAC−12040 Image Sensor (Color). Includes Image Sensor. KAC−12040−AB−A−GEVK Evaluation Hardware for KAC−12040 Image Sensor (Monochrome). Includes Image Sensor. LENS−MOUNT−KIT−C−GEVK Lens Mount Kit that Supports C, CS, and F Mount Lenses. Includes IR Cut-filter for Color Imaging. See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. |
Similar Part No. - KAC-12040_16 |
|
Similar Description - KAC-12040_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |