Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAC-06040-AB-A-GEVK Datasheet(PDF) 5 Page - ON Semiconductor

Part # KAC-06040-AB-A-GEVK
Description  CMOS Image Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAC-06040-AB-A-GEVK Datasheet(HTML) 5 Page - ON Semiconductor

  KAC-06040-AB-A-GEVK Datasheet HTML 1Page - ON Semiconductor KAC-06040-AB-A-GEVK Datasheet HTML 2Page - ON Semiconductor KAC-06040-AB-A-GEVK Datasheet HTML 3Page - ON Semiconductor KAC-06040-AB-A-GEVK Datasheet HTML 4Page - ON Semiconductor KAC-06040-AB-A-GEVK Datasheet HTML 5Page - ON Semiconductor KAC-06040-AB-A-GEVK Datasheet HTML 6Page - ON Semiconductor KAC-06040-AB-A-GEVK Datasheet HTML 7Page - ON Semiconductor KAC-06040-AB-A-GEVK Datasheet HTML 8Page - ON Semiconductor KAC-06040-AB-A-GEVK Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
KAC−06040
www.onsemi.com
5
Table 4. PRIMARY PIN DESCRIPTION
Pin
Name
Type
Description
AB09
RESETN
DI
Sensor Reset (0 V = Reset State)
E07
CLK_In1
DI
Sensor Input Clk_In1 (5−50 MHz)
D08
CLK_In2
DI
Sensor Input Clk_In2 (Connect to Clk1)
AB08
TRIGGER
DI
Trigger Input (Optional)
AA05
SCLK
DI
SPI Master Clock
AA06
CSN
DI
SPI Chip Select (0 V = Selected)
AA07
MISO
DO
SPI Master Input, Slave Output
AA08
MOSI
DI
SPI Master Output, Slave Input
AB05
FB
DO
SPI Register Read Feedback
D07
SPI_MS
DI
SPI CPOL/CPHA Mode Select
AA14
ADC_Ref1
AO
4.02 k
W ±1% Resistor between Ref1 & Ref2
AA15
ADC_Ref2
AO
4.02 k
W ±1% Resistor between Ref1 & Ref2
AB06
FLO
DO
Flash Output Sync (Optional)
AB07
MSO
DO
Mechanical Shutter Output Sync (Optional)
E05
FEN
DO
Frame Enable Reference Output (Optional)
E06
LEN
DO
Line Enable Reference Output (Optional)
1. DI = Digital Input, DO = Digital Output, AO = Analog Output.
2. Tie unused DI pins to Ground, No Connect (NC) unused DO pins.
3. By default Clk_In2 should equal Clk_In1 and should be the same source clock.
4. The RESETN pin has a 62 k
W internal pull-up resistor, so if left floating the chip will not be in reset mode.
5. The TRIGGER pin has an internal 100 k
W pull down resistor. If left floating (and at default polarity) then the sensor state will not be affected
by this pin (i.e. defaults to ‘not triggered’ mode if floated).
6. All of the DI and DO pins nominally operate at 0 V
→ 2.0 V and are associated with the VDD_DIG power supply.
7. The SPI_MS pin has an internal 100 k
W pull down resistor. If left floating the CPOL/CHPA will be compatible with CPOL = CPHA = 0 or
CPOL = CPHA = 1.
Table 5. POWER PIN DESCRIPTION
Name
Voltage
Pins
Description
VDD_LVDS
3.3 V D
C04, C05, C23, C24, D04, D24, E04, E24, AA04, AA24,
AB04, AB24, AC04, AC05 AC23, AC24
LVDS Output Supply
VDD_DIG
2.0 V D
C18, C19, C20, C21, C22, D18, D19, D20, D21, D22, D23,
E08, E18, E20, E21, E22, AA18, AA20, AA21, AA22, AB18,
AB19, AB20, AB21, AB22, AB23, AC18, AC19, AC20,
AC21, AC22, AB15
Digital Core Supply
AVDD_HV
3.5 V A
C11, D11, E11, AA11, AB11, AC11, C10, D10, E10, AA10,
AB10, AC10
Pixel Supply 1
Vref_P
2.8 V A
C13, D13, E13, AA13, AB13, AC13
Pixel Supply 2
AVDD_LV
1.8 V A
C17, D16, D17, E17, AA17, AB16, AB17, AC17
Analog Low Voltage Supply
Vpixel_low
0 V
E09
Pixel Supply 3. Combine with VSS for
normal operation. Can be pulsed for
Extended Dynamic Range Operation.
VSS
0 V
A02, A14, A26, B14, C03, C06, C12, C14, C25, D03, D12,
D14, D25, E03, E12, E19, E23, E25, AA03, AA12, AA19,
AA23, AA25, AB03, AB12, AB14, AB25, AC03, AC06,
AC12, AC14, AC25, AD14, AE02, AE14, AE26, D15, E15,
AA09
Sensor Ground Reference
No Connect
NA
A01, E14, E16, C09, D09, D05, D06, AA16, AC09
Unused and test-only pins. These
pins must be floated.


Similar Part No. - KAC-06040-AB-A-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAC-06040-ABA-JD-AE ONSEMI-KAC-06040-ABA-JD-AE Datasheet
889Kb / 43P
   ESD6100
May, 2015 ??Rev. 2
KAC-06040-ABA-JD-BA ONSEMI-KAC-06040-ABA-JD-BA Datasheet
889Kb / 43P
   ESD6100
May, 2015 ??Rev. 2
More results

Similar Description - KAC-06040-AB-A-GEVK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com