Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAC-06040-CB-A-GEVK Datasheet(PDF) 7 Page - ON Semiconductor

Part # KAC-06040-CB-A-GEVK
Description  CMOS Image Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAC-06040-CB-A-GEVK Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KAC-06040-CB-A-GEVK Datasheet HTML 3Page - ON Semiconductor KAC-06040-CB-A-GEVK Datasheet HTML 4Page - ON Semiconductor KAC-06040-CB-A-GEVK Datasheet HTML 5Page - ON Semiconductor KAC-06040-CB-A-GEVK Datasheet HTML 6Page - ON Semiconductor KAC-06040-CB-A-GEVK Datasheet HTML 7Page - ON Semiconductor KAC-06040-CB-A-GEVK Datasheet HTML 8Page - ON Semiconductor KAC-06040-CB-A-GEVK Datasheet HTML 9Page - ON Semiconductor KAC-06040-CB-A-GEVK Datasheet HTML 10Page - ON Semiconductor KAC-06040-CB-A-GEVK Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
KAC−06040
www.onsemi.com
7
IMAGING PERFORMANCE
Table 7. TYPICAL OPERATIONAL CONDITIONS
(Unless otherwise noted, the Imaging Performance Specifications are measured using the following conditions.)
Description
Condition
Notes
Light Source
Continuous Red, Green and Blue LED Illumination
1
Temperature
Measured Die Temperature: 40
°C and 27°C
Integration Time
16.6 ms (1400d LL, Register 0201h)
Readout Mode
Dual-Scan, Global Shutter, 320 MHz, PLL2
Clamps
Column/Row Noise Correction Active, Frame Black Level Clamp Active
ADC Bit Depth
10 bit
Analog Gain
Unity Gain or Referred Back to Unity Gain
1. For monochrome sensor, only green LED used.
Table 8. KAC−12040−ABA CONFIGURATION (MONOCHROME)
Description
Symbol
Wavelength
(nm)
Nom.
Units
Sampling
Plan
Temperature
Tested at (
5C)
Test
Peak Quantum Efficiency
Green
NIR1
NIR2
QEMAX
550
850
900
52
15
9.0
%
Design
27
Responsivity
83
ke*
Lux
@ s
Design
27
20
Responsivity
7.3
V
Lux
@ s
Design
27
21
Table 9. KAC−12040−CBA CONFIGURATION (BAYER RGB)
Description
Symbol
Wavelength
(nm)
Nom.
Units
Sampling
Plan
Temperature
Tested at (
5C)
Test
Peak Quantum Efficiency
Green
NIR1
NIR2
QEMAX
470
540
620
850
900
42
47
44
16
9.8
%
Design
27
Responsivity
Blue
Green
Red
18
36
39
ke*
Lux
@ s
Design
27
20
Responsivity
Blue
Green
Red
1.6
3.1
3.4
V
Lux
@ s
Design
27
21


Similar Part No. - KAC-06040-CB-A-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAC-06040-CBA-JD-AE ONSEMI-KAC-06040-CBA-JD-AE Datasheet
889Kb / 43P
   ESD6100
May, 2015 ??Rev. 2
KAC-06040-CBA-JD-BA ONSEMI-KAC-06040-CBA-JD-BA Datasheet
889Kb / 43P
   ESD6100
May, 2015 ??Rev. 2
More results

Similar Description - KAC-06040-CB-A-GEVK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com