Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-0261-AAA-CP-AE Datasheet(PDF) 5 Page - ON Semiconductor

Part # KAF-0261-AAA-CP-AE
Description  CCD Image Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-0261-AAA-CP-AE Datasheet(HTML) 5 Page - ON Semiconductor

  KAF-0261-AAA-CP-AE Datasheet HTML 1Page - ON Semiconductor KAF-0261-AAA-CP-AE Datasheet HTML 2Page - ON Semiconductor KAF-0261-AAA-CP-AE Datasheet HTML 3Page - ON Semiconductor KAF-0261-AAA-CP-AE Datasheet HTML 4Page - ON Semiconductor KAF-0261-AAA-CP-AE Datasheet HTML 5Page - ON Semiconductor KAF-0261-AAA-CP-AE Datasheet HTML 6Page - ON Semiconductor KAF-0261-AAA-CP-AE Datasheet HTML 7Page - ON Semiconductor KAF-0261-AAA-CP-AE Datasheet HTML 8Page - ON Semiconductor KAF-0261-AAA-CP-AE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
KAF−0261
www.onsemi.com
5
DEVICE DESCRIPTION
Pin Description and Device Orientation
Figure 4. Pinout Diagram
Pixel (1,1)
1
2
3
4
5
6
7
8
9
10
11
12
φR
VSS
φH21
φH2
VOUT1
OG
VDD1/VDD2
VOUT2
VRD
φH1
φH22
N/C
24
23
22
21
20
19
18
17
16
15
14
13
GUARD
φV1
SUB
φV1
φV1
SUB
VLG
φV2
φV2
φV2
φV2
φV1
Pixel (512,512)
Table 3. PIN DESCRIPTION
Pin
Name
Description
1
OG
Output Gate
2
VOUT2
Video Output from High Sensitivity Two−
Stage
3
VDD1 /
VDD2
Amplifier Supply for VOUT1 and VOUT2
Amplifiers
4
VRD
Reset Drain
5
fR
Reset Clock
6
VSS
Output Amplifier Return
7
fH1
Horizontal (Serial) CCD Clock − Phase 1
8
fH2
Horizontal (Serial) CCD Clock − Phase 2
9
VOUT1
Video Output from High Dynamic Range
Single−Stage Amplifier
10
fH21
Last Horizontal (Serial) CCD Phase −
Split Gate
11
fH22
Last Horizontal (Serial) CCD Phase −
Split Gate
12
N/C
No Connection
13
VSUB
Substrate
14
VSUB
Substrate
15
fV1
Vertical (Parallel) CCD Clock − Phase 1
16
fV1
Vertical (Parallel) CCD Clock − Phase 1
17
fV2
Vertical (Parallel) CCD Clock − Phase 2
18
fV2
Vertical (Parallel) CCD Clock − Phase 2
19
fV2
Vertical (Parallel) CCD Clock − Phase 2
20
fV2
Vertical (Parallel) CCD Clock − Phase 2
21
fV1
Vertical (Parallel) CCD Clock − Phase 1
22
fV1
Vertical (Parallel) CCD Clock − Phase 1
23
GUARD
Guard Ring
24
VLG
First Stage Load Transistor Gate for
Two−Stage
1. Pins 15, 16, 21, and 22 must be connected together − only one
Phase 1−clock driver is required.
2. Pins 17, 18, 19, and 20 must be connected together − only one
Phase 2−clock driver is required.


Similar Part No. - KAF-0261-AAA-CP-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261 Datasheet
219Kb / 15P
   Full Frame CCD Image Sensor
August, 2014 ??Rev. 2
More results

Similar Description - KAF-0261-AAA-CP-AE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
TCD2555D TOSHIBA-TCD2555D Datasheet
510Kb / 14P
   CCD IMAGE SENSOR
TCD2711DG TOSHIBA-TCD2711DG Datasheet
574Kb / 14P
   TOSHIBA CCD Linear Image Sensor CCD
Rev.1.3 2019-01-15
TCD2717BFG TOSHIBA-TCD2717BFG Datasheet
690Kb / 21P
   TOSHIBA CCD Linear Image Sensor CCD
Rev.3.0 2019-01-15
TCD2723BFG TOSHIBA-TCD2723BFG Datasheet
709Kb / 21P
   TOSHIBA CCD Linear Image Sensor CCD
Rev.1.4 2019-01-08
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com