Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1836-205-F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # KP1836-205-F
Description  Polypropylene Film Capacitors Related Document: IEC 60384-17 Grade 1.2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP1836-205-F Datasheet(HTML) 1 Page - Vishay Siliconix

  KP1836-205-F Datasheet HTML 1Page - Vishay Siliconix KP1836-205-F Datasheet HTML 2Page - Vishay Siliconix KP1836-205-F Datasheet HTML 3Page - Vishay Siliconix KP1836-205-F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
61
KP 1836
Vishay Roederstein
Document Number 26021
Revision 11-Jun-02
For technical questions, contact dc-film@vishay.com
MAIN APPLICATIONS:
High voltage, very high current and high pulse operations,
deflection circuits in TV sets (fly-back tuning). Electronic
ballasts, protection circuits in SMPS’s. Snubber and SCR
commutating circuits.
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/
data of manufacture
DIELECTRIC:
Polypropylene film
ELECTRODES:
Aluminum foil
COATING:
Flame retardant plastic case (UL-class 94 V-0), blue,
epoxy resin sealed
Flame class B according to IEC 60065 available on request
CONSTRUCTION:
Extended aluminum foil, internal series connection,
double-sided metallized, polyester carrier film (refer to
general information)
LEADS:
Tinned wire
IEC TEST CLASSIFICATION:
55/100/56 according to IEC 60068
OPERATING TEMPERATURE RANGE:
- 55
°C to + 100°C
CAPACITANCE RANGE:
100pF to 0.22
µF
CAPACITANCE TOLERANCES:
± 10% (K), ± 5% (J)
RATED VOLTAGES (UR):
630 VDC, 1000 VDC, 1250 VDC, 1600 VDC, 2000 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
300 VAC, 350 VAC, 400 VAC, 500 VAC, 600 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE)
2 x UR for 2 s
INSULATION RESISTANCE:
Measured at 500 VDC after one minute
100,000 M
Ω minimum value, (1000 GΩ typical value)
Polypropylene Film Capacitors
Related Document: IEC 60384-17 Grade 1.2
MAXIMUM PULSE RISE TIME
(mm)
630 VDC
1000 VDC
1250 VDC
1600 VDC
2000 VDC
15
6500
8200
11,100
13,900
13,900
22.5
2600
3200
4600
6000
9800
27.5
1800
2300
3100
4000
6000
37.5
1200
1500
1900
2400
3500
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
Maximum pulse rise time dv/dt [V/µs]
PCM
DISSIPATION FACTOR TAN
MEASURED AT
C
0.1µF
C > 0.1
µF
1kHz
0.3 x 10-3
0.3 x 10-3
10kHz
0.4 x 10-3
0.4 x 10-3
100kHz
1 x 10-3
Maximum values
δδδδδ
TEMPERATURE COEFFICIENT:
- 250 x 10-6/
°C (typical value)
CAPACITANCE DRIFT:
Up to + 40
°C, ± 0.5% for a period of two years
DERATING FOR DC AND AC.
CATEGORY VOLTAGE UC:
At + 85
°C: U
C = 1.0 UR
At + 100
°C: U
C = 0.7 UR
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
PULL TEST ON LEADS:
≥ 30 N in direction of leads according to IEC 60068-2-21
RELIABILITY:
Operational life > 300,000 h
Failure rate < 1 FIT (0.5 x UR and 40°C)
For further details, please refer to the general information
provided in this catalog.
WØ d
≥ 16
1.0
< 16.0
0.8
Dimensions in millimeters
Marking
W
Max.
H
Max.
± 0.4
6.0-1
pcm
± 0.4
L
Max.
Ød
0.6


Similar Part No. - KP1836-205-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KP1836147135 VISHAY-KP1836147135 Datasheet
85Kb / 5P
   AC and Pulse Film/Foil Capacitors Radial Potted Type
Revision: 17-Jun-10
KP1836368635 VISHAY-KP1836368635 Datasheet
85Kb / 5P
   AC and Pulse Film/Foil Capacitors Radial Potted Type
Revision: 17-Jun-10
More results

Similar Description - KP1836-205-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 07-Feb-06
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1841 VISHAY-MKP1841 Datasheet
60Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1846 VISHAY-MKP1846_05 Datasheet
168Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1841 VISHAY-MKP1841_05 Datasheet
196Kb / 5P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKT1817 VISHAY-MKT1817_05 Datasheet
171Kb / 4P
   Metallized Polyester Film Capacitors Related Document: IEC 60384-2
Revision: 05-Jul-05
MKT1817 VISHAY-MKT1817 Datasheet
46Kb / 3P
   Metallized Polyester Film Capacitors Related Document : IEC 60384-2
Revision 01-Dec-03
MKT1817 VISHAY-MKT1817_08 Datasheet
171Kb / 4P
   Metallized Polyester Film Capacitors Related Document: IEC 60384-2
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com