Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC1028UFDB Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # DMC1028UFDB
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

DMC1028UFDB Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button DMC1028UFDB Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited DMC1028UFDB Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited DMC1028UFDB Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited DMC1028UFDB Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited DMC1028UFDB Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited DMC1028UFDB Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited DMC1028UFDB Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited DMC1028UFDB Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited DMC1028UFDB Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DMC1028UFDB
Document number: DS37634 Rev. 4 - 2
7 of 10
www.diodes.com
May 2015
© Diodes Incorporated
DMC1028UFDB
Typical Characteristics - P-CHANNEL (continued)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 19 On-Resistance Variation with
Temperature
V
GS = -4.5V, ID = -5.0A
V
GS = -1.8V, ID = -1.0A
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 20 Gate Theshold Variation vs Junction
Temperature
I
D = -250µA
I
D = -1mA
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 21 Diode Forward Voltage vs. Current
T
A = 150
oC
T
A = 125
oC
T
A = -55
oC
T
A = 25
oC
T
A = 85
oC
V
GS = 0V
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 22 Typical Junction Capacitance
f=1MHz
C
iss
C
oss
C
rss


Similar Part No. - DMC1028UFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1028UFDB DIODES-DMC1028UFDB Datasheet
642Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
DMC1028UFDB-13 DIODES-DMC1028UFDB-13 Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1028UFDB-13 DIODES-DMC1028UFDB-13 Datasheet
642Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
DMC1028UFDB-7 DIODES-DMC1028UFDB-7 Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1028UFDB-7 DIODES-DMC1028UFDB-7 Datasheet
642Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results

Similar Description - DMC1028UFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com