Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7251 Datasheet(PDF) 3 Page - Copal Electronics

Part # DP7251
Description  Quad Digital Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7251 Datasheet(HTML) 3 Page - Copal Electronics

  DP7251 Datasheet HTML 1Page - Copal Electronics DP7251 Datasheet HTML 2Page - Copal Electronics DP7251 Datasheet HTML 3Page - Copal Electronics DP7251 Datasheet HTML 4Page - Copal Electronics DP7251 Datasheet HTML 5Page - Copal Electronics DP7251 Datasheet HTML 6Page - Copal Electronics DP7251 Datasheet HTML 7Page - Copal Electronics DP7251 Datasheet HTML 8Page - Copal Electronics DP7251 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DP7251
© NIDEC COPAL ELECTRONICS CORP.
3
Doc. No. MD-2017 Rev. F
Characteristics subject to change without notice
SERIAL BUS PROTOCOL
The
DP7251
supports
the
SPI
bus
data
transmission
protocol.
The
synchronous
Serial
Peripheral Interface (SPI) helps the DP7251 to
interface directly with many of today's popular
microcontrollers. The DP7251 contains an 8-bit
instruction register. The instruction set and the
operation codes are detailed in Table 3, Instruction
Set on page 8.
After the device is selected with CS
¯¯¯ going low the
first byte will be received. The part is accessed via
the SI pin, with data being clocked in on the rising
edge of SCK. The first byte contains one of the six
op-codes that define the operation to be performed.
DEVICE OPERATION
The DP7251 is four resistor arrays integrated with an
SPI serial interface logic, four 8-bit wiper control
registers and sixteen 8-bit, non-volatile memory data
registers. Each resistor array contains 255 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed terminals
of a mechanical potentiometer (RH and RL). RH and RL
are symmetrical and may be interchanged. The tap
positions between and at the ends of the series
resistors are connected to the output wiper terminals
(RW) by a CMOS transistor switch. Only one tap point
for each potentiometer is connected to its wiper terminal
at a time and is determined by the value of the wiper
control register. Data can be read or written to the wiper
control registers or the non-volatile memory data
registers via the SPI bus. Additional instructions allow
data to be transferred between the wiper control
registers and each respective potentiometer's non-
volatile data registers. Also, the device can be
instructed to operate in an "increment/decrement"
mode.
ABSOLUTE MAXIMUM RATINGS
(1)
s
t
i
n
U
s
g
n
i
t
a
R
r
e
t
e
m
a
r
a
P
C
°
5
2
1
+
o
t
5
5
-
s
a
i
B
r
e
d
n
U
e
r
u
t
a
r
e
p
m
e
T
C
°
0
5
1
+
o
t
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Voltage on any Pin with Respect to VSS
(2)(3)
-2.0 to +VCC +2.0
V
VCC
V
0
.
7
+
o
t
0
.
2
-
d
n
u
o
r
G
o
t
t
c
e
p
s
e
R
h
t
i
w
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10 secs)
300
°C
A
m
6
±
t
n
e
r
r
u
C
r
e
p
i
W
Recommended Operating Conditions
VCC =+2.5V to +6V
Notes:
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2)
The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20ns.
(3)
Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC + 1V.
s
t
i
n
U
s
g
n
i
t
a
R
r
e
t
e
m
a
r
a
P
Operating Ambient Temperature (Industrial)
-40 to +85
°C


Similar Part No. - DP7251

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
More results

Similar Description - DP7251

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
   Quad Digital Potentiometer
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
   Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
   Quad Digital Potentiometer
053105
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
   Quad Digital Potentiometer
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com