Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL2HA-2M-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # FL2HA-2M-Z
Description  Hyper-miniature Lever & Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FL2HA-2M-Z Datasheet(HTML) 1 Page - Copal Electronics

  FL2HA-2M-Z Datasheet HTML 1Page - Copal Electronics FL2HA-2M-Z Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FL
Hyper-miniature Lever & Rocker Switches
■Features
1. Hyper-miniature type. The volumetric ratio is half
the conventional Series A.
2. Immersion cleaning is possible after soldering.
3. The terminal pitch is of the 0.1-inch size..
4. The independent detent mechanism ensures light
operating feeling.
5. For the contact reliability, long-term stability is
assured by the clip contacts.
6. Since the contacts are gold-plated, the switches
are best suited for use in the dry circuit areas.
7. The full-molded type prevents malfunction caused
by static electricity.
RoHS Compliant
■ :WLJPÄJH[PVUZ
Rating
Max : 0.4VA
(28VDC max.) Min : 1μA 20mVDC
Initial contact resistance 100m
Ω max.
(1.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
500M
Ω min.
(250VDC)
Electrical life
10,000 cycles at max. rating
50,000 cycles at max. rating
(D,E type)
30,000 cycles at max. rating
(F,G,H type)
Operating
temperature range
−40℃∼+85℃
Storage
temperature range
−40℃∼+85℃
ON
ON
ON ‒OFF ‒ON
ON
‒ (ON)
(ON) ‒
ON
(ON)
‒OFF‒
(ON)
ON ‒OFF‒
(ON)
(ON)
‒OFF ‒ ON
1
2
D
E
F
FA
G
H
HA
Rocker type
1 pole
2
5
L
PC Straight
Right angle
2 poles
F
  L  2  D  −  2  M − Z
Series code
Standard
M
Actuator shape
Number of poles
Switching function
Terminal style
Actuator shape
■ Standard Accessories
《Supplied separately》
Part name
Lever (PC Straight&R/A)
Rocker (PC Straight&R/A)
Rocker (PC Straight)
Dimensions
Gloss finish
Gloss finish
Gloss finish
ABS resin
ABS resin
ABS resin
White
140000050858
140000481410
140000481594
Red
140000050859
140000481411
140000481595
Black
140000050860
140000481412
140000481596
Gray
140000050861
140000481413
140000481597
■Lever・Rocker Mounting
Lever
Rocker
●The lever and the rocker are
standard accessories. Specify
either of the lever or the rocker by
part number.
Washable
(ON)
:Momentary
■Part Numbering


Similar Part No. - FL2HA-2M-Z

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FL200 GAMEWELL-FCI-FL200 Datasheet
126Kb / 1P
   FIXED TEMPERATURE HEAT DETECTOR
logo
Frontier Electronics.
FL2012 FRONTIER-FL2012 Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
FL201209 FRONTIER-FL201209 Datasheet
121Kb / 5P
   Tape and Reel Specifications
FL201209-1R0 FRONTIER-FL201209-1R0 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201209-1R0 FRONTIER-FL201209-1R0 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
More results

Similar Description - FL2HA-2M-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CF-LD-SERIES COPAL-CF-LD-SERIES Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD COPAL-CF-LD Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
logo
C&K Components
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com