Electronic Components Datasheet Search |
|
FT1FA-4M-Z Datasheet(PDF) 3 Page - Copal Electronics |
|
FT1FA-4M-Z Datasheet(HTML) 3 Page - Copal Electronics |
3 / 3 page FT Switching function Part No. ☆FT1D-4M-Z ON − ON ★FT1E-4M-Z ON OFF ON ★FT1F-4M-Z ON −(ON) ▲FT1FA-4M-Z (ON)− ON ▲FT1G-4M-Z (ON) OFF (ON) ▲FT1H-4M-Z ON OFF (ON) ▲FT1HA-4M-Z (ON) OFF ON Connecting terminals 2 −3 − 2 −1 Switching function Part No. FT2D-4M-Z ON − ON ★FT2E-4M-Z ON OFF ON ★FT2F-4M-Z ON −(ON) ▲FT2FA-4M-Z (ON)− ON ▲FT2G-4M-Z (ON) OFF (ON) ▲FT2H-4M-Z ON OFF (ON) ▲FT2HA-4M-Z (ON) OFF ON Connecting terminals 2 −3 5 −6 − 2 −1 5 −4 SPDT DPDT Terminal numbers are not shown on the switch. Terminal numbers are not shown on the switch. PC hole Layouts (Topview) PC hole Layouts (Topview) Vertical mounting terminal Vertical mounting terminal (ON) :Momentary. ★:Made to order products. ☆:Semi-standard products. ■:VSKLYPUN:WLJPÄJH[PVUZ ⑴Manual Soldering Device :Soldering iron 380 ℃, Max.; 3 seconds, Max. ⑵Auto Soldering Device :Jet wave type or dip type 275 ℃, Max.; 6 seconds, Max. ・Pre-heating should be done at temperatures from 80 to 120 ℃ and within 120 sec. ⑶When soldering two or more terminals to a common land, use solder resist to separate them. ■Flux Cleaning ⑴Solvent : Fluorine or Alcohol type. ⑵Cleaning after soldering should be done after the PC board is exposed to room temperature (30 ℃ or below) for 1 to 2 hours. ⑶Do not use ultrasonic cleaning. ■7HJRHNPUN :WLJPÄJH[PVUZ Plastick Pack 100 pcs/pack ▲:Inquiry products. |
Similar Part No. - FT1FA-4M-Z |
|
Similar Description - FT1FA-4M-Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |