Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92410D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92410D
Description  Switch-Controlled, Direct Drive, Linear Controller for Offline LED Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92410D Datasheet(HTML) 3 Page - Texas Instruments

  TPS92410D Datasheet HTML 1Page - Texas Instruments TPS92410D Datasheet HTML 2Page - Texas Instruments TPS92410D Datasheet HTML 3Page - Texas Instruments TPS92410D Datasheet HTML 4Page - Texas Instruments TPS92410D Datasheet HTML 5Page - Texas Instruments TPS92410D Datasheet HTML 6Page - Texas Instruments TPS92410D Datasheet HTML 7Page - Texas Instruments TPS92410D Datasheet HTML 8Page - Texas Instruments TPS92410D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
MULT
TSNS
CPS
CDD
DOV
GDL
CS
GND
COMP
ADIM
VREF
VIN
TPS92410
www.ti.com
SLUSBW9 – MAY 2014
5 Pin Configuration and Functions
SOIC HV
13 PIN
(TOP VIEW)
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
Analog input used to set the reference of the linear controller. A 0-V to 1.5-V signal on ADIM sets the current
ADIM
9
I
sense reference level.
A capacitor to ground sets the time interval for dimmer detection. Tie to GND if no phase dimmer operation
CDD
2
I/O
is required.
COMP
7
I/O
Compensation for control loop. Connect a capacitor from the COMP pin to ground.
A capacitor to ground sets the length of the CDD pin charge pulse. Leave open if no phase dimmer
CPS
1
I/O
operation is required.
CS
5
I
Current sense input used for linear regulator.
Input to monitor linear MOSFET drain voltage. A resistor divider from the DOV pin to the drain connection of
DOV
3
I
the MOSFET monitors MOSFET over-voltage. Add a capacitor to GND for filtering.
GDL
4
O
Gate drive for an external linear MOSFET.
GND
6
G
Chip ground return.
MULT
11
I
AC input to the multiplier. Tap a resistor divider off the rectified line to this pin.
TSNS
8
I
Thermal sense input. Connect to a resistor and NTC thermistor for thermal foldback.
VCC
12
I/O
Pre-regulated voltage. Connect a bypass capacitor to ground.
VIN
14
P
High voltage input. Provides power to the device.
VREF
10
O
3-V voltage supply reference. Source used for TSNS input.
(1)
I = Input, O = Output, P = Supply, G = Ground
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS92410


Similar Part No. - TPS92410D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92411 TI1-TPS92411 Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
TPS92411DBVR TI1-TPS92411DBVR Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
TPS92411DBVT TI1-TPS92411DBVT Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
TPS92411DDA TI1-TPS92411DDA Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
TPS92411DDAR TI1-TPS92411DDAR Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
More results

Similar Description - TPS92410D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92411EVM-001 TI-TPS92411EVM-001 Datasheet
808Kb / 16P
[Old version datasheet]   Switch Controlled Direct Drive Switch for Offline LED Drivers
TPS92411 TI1-TPS92411 Datasheet
984Kb / 22P
[Old version datasheet]   Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
logo
SONiX Technology Compan...
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
   Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
SONiX Technology Compan...
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
SNC205S SONIX-SNC205S Datasheet
101Kb / 11P
   Direct Drive Speech Controller
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
   Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
logo
SONiX Technology Compan...
SNC202 SONIX-SNC202 Datasheet
329Kb / 11P
   Direct Drive Speech Controller
SNC20AS SONIX-SNC20AS Datasheet
100Kb / 11P
   Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com